Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962H9583403VXX Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # 5962H9583403VXX
Description  Quad Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962H9583403VXX Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button 5962H9583403VXX Datasheet HTML 2Page - Aeroflex Circuit Technology 5962H9583403VXX Datasheet HTML 3Page - Aeroflex Circuit Technology 5962H9583403VXX Datasheet HTML 4Page - Aeroflex Circuit Technology 5962H9583403VXX Datasheet HTML 5Page - Aeroflex Circuit Technology 5962H9583403VXX Datasheet HTML 6Page - Aeroflex Circuit Technology 5962H9583403VXX Datasheet HTML 7Page - Aeroflex Circuit Technology 5962H9583403VXX Datasheet HTML 8Page - Aeroflex Circuit Technology 5962H9583403VXX Datasheet HTML 9Page - Aeroflex Circuit Technology 5962H9583403VXX Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
AC SWITCHING CHARACTERISTICS1, 2, 3, 4
(V
DD = +5.0V + 10%, TA = -55 °C to +125 °C)
Notes:
1. Channel-to-Channel Skew is defined as the difference between the propagation delay of the channel and the other channels in the same chip with an event on the inputs.
2. Generator waveform for all tests unless otherwise specified: f = 1 MHz, Z0 = 50Ω, tr and tf (0% - 100%) < 1ns for RIN and tr and tf < 6ns for EN or EN.
3. CL includes probe and jig capacitance.
4. Guaranteed by characterization.
5. Chip to Chip Skew is defined as the difference between the minimum and maximum specified differential propagation delays.
SYMBOL
PARAMETER
MIN
MAX
UNIT
tPHLD
Differential Propagation Delay High to Low
CL = 20pf (figures 4 and 5)
1.0
8.0
ns
t
PLHD
Differential Propagation Delay Low to High
CL = 20pf (figures 4 and 5)
1.0
8.0
ns
tSKD
Differential Skew (tPHLD - tPLHD) (figures 4 and 5)
0
3.0
ns
t
SK1
4
Channel-to-Channel Skew1 (figures 4 and 5)
0
3.0
ns
tSK2
4
Chip-to-Chip Skew
5 (figures 4 and 5)
7.0
ns
tTLH
4
Rise Time (figures 4 and 5)
2.0
ns
t
THL
4
Fall Time (figures 4 and 5)
2.0
ns
t
PHZ
4
Disable Time High to Z (figures 6 and 7)
20
ns
tPLZ
4
Disable Time Low to Z (figures 6 and 7)
20
ns
tPZH
4
Enable Time Z to High (figures 6 and 7)
20
ns
t
PZL
4
Enable Time Z to Low (figures 6 and 7)
20
ns


Similar Part No. - 5962H9583403VXX

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962H9563801QQA AEROFLEX-5962H9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962H9563801QQC AEROFLEX-5962H9563801QQC Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962H9563801QQX AEROFLEX-5962H9563801QQX Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
5962H9563801QQYA ETC2-5962H9563801QQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962H9563801QQYC ETC2-5962H9563801QQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results

Similar Description - 5962H9583403VXX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Texas Instruments
DS14C89A TI1-DS14C89A_19 Datasheet
770Kb / 13P
[Old version datasheet]   Quad CMOS Receiver
DS14C89A TI1-DS14C89A_15 Datasheet
236Kb / 11P
[Old version datasheet]   Quad CMOS Receiver
logo
Analog Devices
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
   Quad IF Receiver
logo
National Semiconductor ...
DS14C89AT NSC-DS14C89AT Datasheet
117Kb / 6P
   Quad CMOS Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
logo
Analog Devices
AD6657 AD-AD6657 Datasheet
1Mb / 32P
   Quad IF Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com