Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX08D Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LCX08D
Description  LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX08D Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LCX08D Datasheet HTML 1Page - ON Semiconductor MC74LCX08D Datasheet HTML 2Page - ON Semiconductor MC74LCX08D Datasheet HTML 3Page - ON Semiconductor MC74LCX08D Datasheet HTML 4Page - ON Semiconductor MC74LCX08D Datasheet HTML 5Page - ON Semiconductor MC74LCX08D Datasheet HTML 6Page - ON Semiconductor MC74LCX08D Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74LCX08
LCX DATA
BR1339 — REV 3
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
II
Input Leakage Current
2.7V
≤ VCC ≤ 3.6V; 0V ≤ VI ≤ 5.5V
±5.0
µA
ICC
Quiescent Supply Current
2.7
≤ VCC ≤ 3.6V; VI = GND or VCC
10
µA
2.7
≤ VCC ≤ 3.6V; 3.6 ≤ VI ≤ 5.5V
±10
µA
∆ICC
Increase in ICC per Input
2.7
≤ VCC ≤ 3.6V; VIH = VCC – 0.6V
500
µA
AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500Ω)
Limits
TA = –40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.7V
Symbol
Parameter
Waveform
Min
Max
Max
Unit
tPLH
tPHL
Propagation Delay
Input to Output
1
1.5
1.5
5.5
5.5
6.2
6.2
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 3.)
1.0
1.0
ns
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 4.)
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
VOLV
Dynamic LOW Valley Voltage (Note 4.)
VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
4. Number of outputs defined as “n”. Measured with “n–1” outputs switching from HIGH–to–LOW or LOW–to–HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3V, VI = 0V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8
pF
CPD
Power Dissipation Capacitance
10MHz, VCC = 3.3V, VI = 0V or VCC
25
pF


Similar Part No. - MC74LCX08D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX08D MOTOROLA-MC74LCX08D Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
logo
ON Semiconductor
MC74LCX08D ONSEMI-MC74LCX08D Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX08DG ONSEMI-MC74LCX08DG Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX08DG ONSEMI-MC74LCX08DG Datasheet
86Kb / 7P
   Low-Voltage CMOS Quad 2-Input AND Gate
September, 2014 ??Rev. 10
MC74LCX08DR2 ONSEMI-MC74LCX08DR2 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
More results

Similar Description - MC74LCX08D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
logo
ON Semiconductor
MC74LCX08 ONSEMI-MC74LCX08_14 Datasheet
86Kb / 7P
   Low-Voltage CMOS Quad 2-Input AND Gate
September, 2014 ??Rev. 10
logo
STMicroelectronics
74LVC08A STMICROELECTRONICS-74LVC08A_04 Datasheet
256Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
74LVC08A STMICROELECTRONICS-74LVC08A Datasheet
61Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX86 ONSEMI-MC74LCX86_12 Datasheet
157Kb / 7P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2012 ??Rev. 8
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
74LVC86A ONSEMI-74LVC86A Datasheet
98Kb / 9P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
74LVC125A ONSEMI-74LVC125A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com