Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX02SD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LCX02SD
Description  LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX02SD Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LCX02SD Datasheet HTML 1Page - ON Semiconductor MC74LCX02SD Datasheet HTML 2Page - ON Semiconductor MC74LCX02SD Datasheet HTML 3Page - ON Semiconductor MC74LCX02SD Datasheet HTML 4Page - ON Semiconductor MC74LCX02SD Datasheet HTML 5Page - ON Semiconductor MC74LCX02SD Datasheet HTML 6Page - ON Semiconductor MC74LCX02SD Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1996
11/96
Low-Voltage CMOS Quad
2-Input NOR Gate
With 5V-Tolerant Inputs
The MC74LCX02 is a high performance, quad 2–input NOR gate
operating from a 2.7 to 3.6V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance. A VI
specification of 5.5V allows MC74LCX02 inputs to be safely driven from
5V devices.
Current drive capability is 24mA at the outputs.
Designed for 2.7 to 3.6V VCC Operation
5V Tolerant Inputs — Interface Capability With 5V TTL Logic
LVTTL Compatible
LVCMOS Compatible
24mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current (10µA) Substantially Reduces System
Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
Pinout: 14–Lead (Top View)
13
14
12
11
10
9
8
2
1
3
4567
VCC
O2B2
A2
O3B3
A3
O0A0
B0O1
A1
B1
GND
1
O0
2
A0
LOGIC DIAGRAM
3
B0
4
O1
5
A1
6
B1
13
O2
11
A2
12
B2
10
O3
8
A3
9
B3
DT SUFFIX
PLASTIC TSSOP
CASE 948G–01
14
1
SD SUFFIX
PLASTIC SSOP
CASE 940A–03
14
1
M SUFFIX
PLASTIC SOIC EIAJ
CASE 965–01
14
1
D SUFFIX
PLASTIC SOIC
CASE 751A–03
14
1
PIN NAMES
Function
Data Inputs
Outputs
Pins
An, Bn
On
MC74LCX02
LOW–VOLTAGE CMOS
QUAD 2–INPUT NOR GATE
L
L
H
H
L
H
L
H
INPUTS
OUTPUTS
An
Bn
H
L
L
L
On
FUNCTION TABLE


Similar Part No. - MC74LCX02SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX02SD MOTOROLA-MC74LCX02SD Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
More results

Similar Description - MC74LCX02SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX02 MOTOROLA-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02_04 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
Motorola, Inc
MC74LVQ02 MOTOROLA-MC74LVQ02 Datasheet
185Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UB TI1-CD4001UB_15 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad 2-input NOR Gate
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input NOR Gate
74LVQ02 FAIRCHILD-74LVQ02_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com