Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5186DKD Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5186DKD
Description  6-Channel, 210-W, Digital-Amplifier Power Stage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5186DKD Datasheet(HTML) 5 Page - Texas Instruments

  TAS5186DKD Datasheet HTML 1Page - Texas Instruments TAS5186DKD Datasheet HTML 2Page - Texas Instruments TAS5186DKD Datasheet HTML 3Page - Texas Instruments TAS5186DKD Datasheet HTML 4Page - Texas Instruments TAS5186DKD Datasheet HTML 5Page - Texas Instruments TAS5186DKD Datasheet HTML 6Page - Texas Instruments TAS5186DKD Datasheet HTML 7Page - Texas Instruments TAS5186DKD Datasheet HTML 8Page - Texas Instruments TAS5186DKD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
+
M3
M1
M2
OUT_F
PVDD_F
BST_F
GVDD_DEF
PWM_E
PWM_F
PWM_A
PWM_B
OTW
SD
PWM_C
VDD
AGND
OC_ADJ
VREG
PWM_D
RESET
OUT_E
PVDD_E
PGND_EF
BST_E
GVDD_ABC
GND
OUT_D
PVDD_D
PGND_D
BST_D
OUT_C
PVDD_C
BST_C
OUT_B
PVDD_B
PGND_AB
BST_B
OUT_A
PVDD_A
BST_A
VALID2
VALID1
To
µP
PVDD
12 V
OUT_BIAS
BST_BIAS
21
22
43
44
42
41
39
38
40
36
37
35
34
31
30
32
SAT
28
29
27
26
25
23
24
3
20
4
13
14
12
10
9
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
2
5
6
15
16
11
PGND_C
33
17
18
19
7
8
PGND_EF
1
PurePath
Digital
Modulator
TAS5086
TAS5186
S0061-01
SAT
SAT
SUB
SAT
SAT
680
33 nF
+
+
+
+
+
+
22
µH
270
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
33 nF
33 nF
33 nF
33 nF
33 nF
270
µF
270
µF
270
µF
270
µF
270
µF
1000
µF
1000
µF
270
µF
270
µF
270
µF
270
µF
22
µH
22
µH
22
µH
22
µH
22
µH
330
330
330
330
330
330
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
1
µF
1
µF
1
µF
1
µF
1
µF
1
µF
33 nF
1
µF
15 k
1
µF
0.1
µF
0.1
µF
10
µF
TAS5186
SLES136 – MAY 2005
TYPICAL SYSTEM DIAGRAM
PurePath Digital™
5


Similar Part No. - TAS5186DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5186A TI-TAS5186A Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDV TI-TAS5186ADDV Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDVG4 TI-TAS5186ADDVG4 Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDVR TI-TAS5186ADDVR Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDVRG4 TI-TAS5186ADDVRG4 Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
More results

Similar Description - TAS5186DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5186A TI-TAS5186A Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A_15 Datasheet
667Kb / 21P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5176 TI-TAS5176 Datasheet
757Kb / 25P
[Old version datasheet]   6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5176 TI-TAS5176_15 Datasheet
553Kb / 24P
[Old version datasheet]   6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5162 TI-TAS5162_07 Datasheet
763Kb / 28P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com