Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5186DDV Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5186DDV
Description  6-Channel, 210-W, Digital-Amplifier Power Stage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5186DDV Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5186DDV Datasheet HTML 6Page - Texas Instruments TAS5186DDV Datasheet HTML 7Page - Texas Instruments TAS5186DDV Datasheet HTML 8Page - Texas Instruments TAS5186DDV Datasheet HTML 9Page - Texas Instruments TAS5186DDV Datasheet HTML 10Page - Texas Instruments TAS5186DDV Datasheet HTML 11Page - Texas Instruments TAS5186DDV Datasheet HTML 12Page - Texas Instruments TAS5186DDV Datasheet HTML 13Page - Texas Instruments TAS5186DDV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ti.com
PVDD – Supply Voltage – V
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0
5
10
15
20
25
30
35
40
G005
Satellite
1 Channel
TC = 75°C
Unclipped Input Signal
6
8
PVDD – Supply Voltage – V
0
5
10
15
20
25
30
35
40
45
50
55
0
5
10
15
20
25
30
35
40
G006
Subwoofer
1 Channel
TC = 75°C
Unclipped Input Signal
3
4
0
10
20
30
40
50
60
70
80
90
100
0
20 40 60 80 100 120 140 160 180 200 220 240
G007
5.1 Mode
PVDD = 40 V
TC = 25°C
RL(SAT) = 8 Ω
RL(SUB) = 4 Ω
PO – Total Output Power – W
RL(SAT) = 6 Ω
RL(SUB) = 3 Ω
0
5
10
15
20
25
30
35
40
0
20 40 60 80 100 120 140 160 180 200 220 240
G008
5.1 Mode
PVDD = 40 V
TC = 25°C
PO – Total Output Power – W
RL(SAT) = 8 Ω
RL(SUB) = 4 Ω
RL(SAT) = 6 Ω
RL(SUB) = 3 Ω
TAS5186
SLES136 – MAY 2005
TYPICAL CHARACTERISTICS, 5.1 MODE (continued)
OUTPUT POWER
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 5.
Figure 6.
SYSTEM EFFICIENCY
SYSTEM POWER LOSS
vs
vs
TOTAL OUTPUT POWER
TOTAL OUTPUT POWER
Figure 7.
Figure 8.
10


Similar Part No. - TAS5186DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5186A TI-TAS5186A Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDV TI-TAS5186ADDV Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDVG4 TI-TAS5186ADDVG4 Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDVR TI-TAS5186ADDVR Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDVRG4 TI-TAS5186ADDVRG4 Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
More results

Similar Description - TAS5186DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5186A TI-TAS5186A Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A_15 Datasheet
667Kb / 21P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5176 TI-TAS5176 Datasheet
757Kb / 25P
[Old version datasheet]   6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5176 TI-TAS5176_15 Datasheet
553Kb / 24P
[Old version datasheet]   6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5162 TI-TAS5162_07 Datasheet
763Kb / 28P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com