Electronic Components Datasheet Search |
|
0234002.M Datasheet(PDF) 2 Page - Littelfuse |
|
0234002.M Datasheet(HTML) 2 Page - Littelfuse |
2 / 2 page Axial Lead and Cartridge Fuses 427 www .littelfuse .com 5 x 20 mm Medium-Acting Fuse 233 Series Designed to UL/CSA Standards ® UL ® RoHS 10000 1000 100 10 1 0.1 0.01 0.001 1 10 100 1000 CURRENT IN AMPERES Average Time Current Curves 0233 000 1 20+0.5 5.1+0.6 5.2+0.1 -0.2 5.1+0.6 0233000XE 2 .65* 40 22.5 MAX 5.8 MAX All dimensions in mm Notes: * Ratings above 6.3A have 0.8 mm dia lead 1 For RoHS compliant parts add suffix 'XP' 2 For RoHS compliant parts add suffix 'P' Agency Approvals Agency Approvals Ampere Range ® Certificate No. SU05001-2010 Listed File No. E10480 Guide No. JDYX File No. 029862 Cert. Class No. LR1422-01 Certificate No. Cartridge NBK280602-E10480 C 1A – 5A 125V 10000A NBK290502-E10480 I 6A & 6.3A 125V 500A Leaded NBK280602-E10480 D 1A – 5A 125V 10000A NBK290502-E10480 J 6A & 6.3A 125V 500A 1A – 6.3A ® UL Pb 11 |
Similar Part No. - 0234002.M |
|
Similar Description - 0234002.M |