Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15E-1CL-5.5 Datasheet(PDF) 5 Page - Littelfuse

Part # 15E-1CL-5.5
Description  Medium Voltage Fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

15E-1CL-5.5 Datasheet(HTML) 5 Page - Littelfuse

  15E-1CL-5.5 Datasheet HTML 1Page - Littelfuse 15E-1CL-5.5 Datasheet HTML 2Page - Littelfuse 15E-1CL-5.5 Datasheet HTML 3Page - Littelfuse 15E-1CL-5.5 Datasheet HTML 4Page - Littelfuse 15E-1CL-5.5 Datasheet HTML 5Page - Littelfuse 15E-1CL-5.5 Datasheet HTML 6Page - Littelfuse 15E-1CL-5.5 Datasheet HTML 7Page - Littelfuse 15E-1CL-5.5 Datasheet HTML 8Page - Littelfuse 15E-1CL-5.5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
65
Catalog
Number
70-2R-1BI-5.5
100-3R-1BI-5.5
130-4R-1BI-5.5
150-5R-1BI-5.5
170-6R-1BI-5.5
200-9R-1BI-5.5
230-12R-1BI-5.5
390-18R-2BI-5.5
450-24R-2BI-5.5
480-26R-2BI-5.5
550-30R-2BI-5.5
600-32R-2BI-5.5
650-36R-2BI-5.5
550-30R-3BI-5.5
600-32R-3BI-5.5
650-36R-3BI-5.5
700-38R-3BI-5.5
Dim.B
Dim.A
Dim.B
Dim.A
Dim.A
3"Dia.
Front View
.44" X .91" Slots (1.53" c.t.c.)
Indicator
Indicator
R
RATED
Old
Catalog
Number
Size
2R
3R
4R
5R
6R
9R
12R
18R
24R
26R
30R
32R
36R
30R
32R
36R
38R
Maximum
Continuous
Current
@ 40 deg C.
70
100
130
150
170
200
230
390
450
480
550
600
650
550
600
650
700
Dim. A
(inches)
3.6
7.6
Dim. B
(inches)
18"
18"
18"
Minimum
Interrupting
Rating
RMS Amps
170
250
340
390
500
760
1000
1500
1950
2200
2400
2650
2900
Max
Interrupting
Rating
RMS (Asym)
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
Figure
Number
11
11
11
11
11
11
11
12
12
12
12
12
12
13
13
13
13
70-2R-1BI-8.25
100-3R-1BI-8.25
130-4R-1BI-8.25
150-5R-1BI-8.25
170-6R-1BI-8.25
200-9R-1BI-8.25
230-12R-1BI-8.25
390-18R-2BI-8.25
450-24R-2BI-8.25
2R
3R
4R
5R
6R
9R
12R
18R
24R
70
100
130
150
170
200
230
390
450
3.6
7.6
18"
18"
190
225
330
400
500
740
955
1440
1910
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
11
11
11
11
11
11
11
12
12
Bolt-In Mount “BI”
70-2R-1B-5.5
100-3R-1B-5.5
130-4R-1B-5.5
150-5R-1B-5.5
170-6R-1B-5.5
200-9R-1B-5.5
230-12R-1B-5.5
390-18R-2B-5.5
450-24R-2B-5.5
550-30R-2B-5.5
600-32R-2B-5.5
650-36R-2B-5.5
2R
3R
4R
5R
6R
9R
12R
18R
24R
30R
32R
36R
70
100
130
150
170
200
230
390
450
550
600
650
4.6
7.4
8.4
18"
18"
170
250
340
390
500
760
1000
1500
1950
2400
2650
2900
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
7
7
7
7
7
7
7
8
8
8
8
8
FIGURE 11
FIGURE 12
FIGURE 13
70-2R-1IB-5.5
100-3R-1IB-5.5
130-4R-1IB-5.5
150-5R-1IB-5.5
170-6R-1IB-5.5
200-9R-1IB-5.5
230-12R-1IB-5.5
390-18R-2IB-5.5
450-24R-2IB-5.5
550-30R-2IB-5.5
600-32R-2IB-5.5
650-36R-2IB-5.5
2R
3R
4R
5R
6R
9R
12R
18R
24R
30R
32R
36R
70
100
130
150
170
200
230
390
450
550
600
650
18"
18"
170
250
340
390
500
760
1000
1500
1950
2400
2650
2900
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
80,000
9
9
9
9
9
9
9
10
10
10
10
10
Previous
Next


Similar Part No. - 15E-1CL-5.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15E-1CL-5.5 LITTELFUSE-15E-1CL-5.5 Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
More results

Similar Description - 15E-1CL-5.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com