Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0464.500 Datasheet(PDF) 1 Page - Littelfuse

Part # 0464.500
Description  Surface Mount Fuses - Subminiature Surface Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0464.500 Datasheet(HTML) 1 Page - Littelfuse

  0464.500 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
378
Surface Mount Fuses
www .littelfuse .com
Nominal
Nominal
Catalog
Ampere
Voltage Cold Resistance
Melting I
2t
Number
Rating
Rating
(Ohms)
(A
2 sec)
0464.500
0.5
250
0.283
0.3
0464 001.
1.0
250
0.100
0.8
0464 1.25
1.25
250
0.059
1.2
0464 01.6
1.6
250
0.048
1.9
0464 002.
2.0
250
0.038
2.8
0464 02.5
2.5
250
0.032
4.5
0464 3.15
3.15
250
0.024
9.4
0464 004.
4.0
250
0.018
15.1
0464 005.
5.0
250
0.014
23.1
0464 06.3
6.3
250
0.011
40.0
*For information and availability of additional ratings please contact Littelfuse
• The Surface Mount Nano2 250V UMF product family complies with IEC
Publication IEC 60127-4-Universal Modular Fuse-Links [UMF]. This
IEC standard has been accepted by UL/CSA making it the first global
fuse standard.
• The Nano2 250V UMF fuse family is based on the proven NANO2
Fuse product technology.
• Product is RoHS Compliant and compatible with lead-free solders and
higher temperature profiles.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
125%
1 hour, Minimum
200%
2 minutes, Maximum
1000%
0.001 sec, Min; 0.01 sec Max
AGENCY APPROVALS: Listed to IEC 60127-4, Universal Modular Fuse-
Links (UMF), 250V. UL Listed. Approved by METI and CCC. K and VDE
AGENCY FILE NUMBERS: UL E184655. METI NBK30502-E184655a,b.
INTERRUPTING RATINGS: 100 amperes at 250VAC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition A.
Vibration: MIL-STD-202, Method 201 (10–55 Hz).
Insulation Resistance (After Opening): IEC60127-4 (0.1MΩ min
@ 500VDC).
Resistance to Soldering Heat: IEC60127-4.
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65 to 125°C, 5 cycles).
Moisture Resistance: MIL-STD-202, Method 106
PHYSICAL SPECIFICATIONS:
Materials: Body: High Performance Ceramic
Terminations: Silver plated brass.
Soldering Parameters:
Wave Solder — 260°C, 10 seconds maximum
Reflow Solder — 260°C, 30 seconds maximum
Solderability: IEC60127-4.
PACKAGING SPECIFICATIONS: 24mm Tape and Reel per
EIA-RS481-1 (IEC 286, part 3); 1,500 per reel, add packaging suffix, DR.
PATENTED
ORDERING INFORMATION:
Reference Dimensions:
REFLOW SOLDER
F
2.8
(.11")
12.1
(.475")
4.5
(.177")
6.7
(.264")
6.8
(.264")
WAVE SOLDER
3.5
(.14")
AC250V
F500mAL
6.9
(.27")
5.6
(.22")
5.6
(.22")
4.5
(.177")
Height
END CAP
TOP VIEW
Subminiature Surface Mount
NANO
250V UMF FUSE Fast-Acting 464 Series
100
100
10
1
0.1
0.01
0.001
1
10
1000
0.1
CURRENT IN AMPERES
Average Time Current Curves
RoHS


Similar Part No. - 0464.500

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0464.500DR LITTELFUSE-0464.500DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
More results

Similar Description - 0464.500

ManufacturerPart #DatasheetDescription
logo
Littelfuse
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
203 LITTELFUSE-203 Datasheet
41Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount & Dip Types
202062 LITTELFUSE-202062 Datasheet
46Kb / 1P
   Surface Mount Fuses Subminiature Surface Mount & Dip Types
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0455001.MR LITTELFUSE-0455001.MR Datasheet
79Kb / 1P
   Subminiature Surface Mount
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com