Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9583401QXA Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # 5962-9583401QXA
Description  Quad Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962-9583401QXA Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  5962-9583401QXA Datasheet HTML 1Page - Aeroflex Circuit Technology 5962-9583401QXA Datasheet HTML 2Page - Aeroflex Circuit Technology 5962-9583401QXA Datasheet HTML 3Page - Aeroflex Circuit Technology 5962-9583401QXA Datasheet HTML 4Page - Aeroflex Circuit Technology 5962-9583401QXA Datasheet HTML 5Page - Aeroflex Circuit Technology 5962-9583401QXA Datasheet HTML 6Page - Aeroflex Circuit Technology 5962-9583401QXA Datasheet HTML 7Page - Aeroflex Circuit Technology 5962-9583401QXA Datasheet HTML 8Page - Aeroflex Circuit Technology 5962-9583401QXA Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Receiver Fail-Safe
The UT54LVDS032 receiver is a high gain, high speed device
that amplifies a small differential signal (20mV) to TTL logic
levels. Due to the high gain and tight threshold of the receiver,
care should be taken to prevent noise from appearing as a valid
signal.
The receiver’s internal fail-safe circuitry is designed to source/
sink a small amount of current, providing fail-safe protection (a
stable known state of HIGH output voltage) for floating,
terminated or shorted receiver inputs.
1. Open Input Pins. The UT54LVDS032 is a quad
receiver device, and if an application requires only 1, 2
or 3 receivers, the unused channel(s) inputs should be
left OPEN. Do not tie unused receiver inputs to ground
or any other voltages. The input is biased by internal high
value pull up and pull down resistors to set the output to
a HIGH state. This internal circuitry will guarantee a
HIGH, stable output state for open inputs.
2. Terminated Input. If the driver is disconnected (cable
unplugged), or if the driver is in a three-state condition,
the receiver output will again be in a HIGH state, even
with the end of cable 100
Ω termination resistor across
the input pins. The unplugged cable can become a
floating antenna which can pick up noise. If the cable
picks up more than 10mV of differential noise, the
receiver may see the noise as a valid signal and switch.
To insure that any noise is seen as common-mode and
not differential, a balanced interconnect should be used.
Twisted pair cable offers better balance than flat ribbon
cable.
3. Shorted Inputs. If a fault condition occurs that shorts
the receiver inputs together, thus resulting in a 0V
differential input voltage, the receiver output remains in
a HIGH state. Shorted input fail-safe is not supported
across the common-mode range of the device (V
SS to
2.4V). It is only supported with inputs shorted and no
external common-mode voltage applied.


Similar Part No. - 5962-9583401QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9583401Q2A TI1-5962-9583401Q2A Datasheet
722Kb / 19P
[Old version datasheet]   DS90C032QML LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - 5962-9583401QXA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Texas Instruments
DS14C89A TI1-DS14C89A_19 Datasheet
770Kb / 13P
[Old version datasheet]   Quad CMOS Receiver
DS14C89A TI1-DS14C89A_15 Datasheet
236Kb / 11P
[Old version datasheet]   Quad CMOS Receiver
logo
Analog Devices
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
   Quad IF Receiver
logo
National Semiconductor ...
DS14C89AT NSC-DS14C89AT Datasheet
117Kb / 6P
   Quad CMOS Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
logo
Analog Devices
AD6657 AD-AD6657 Datasheet
1Mb / 32P
   Quad IF Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com