Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCT273 Datasheet(PDF) 1 Page - ON Semiconductor

Part # HCT273
Description  Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCT273 Datasheet(HTML) 1 Page - ON Semiconductor

  HCT273 Datasheet HTML 1Page - ON Semiconductor HCT273 Datasheet HTML 2Page - ON Semiconductor HCT273 Datasheet HTML 3Page - ON Semiconductor HCT273 Datasheet HTML 4Page - ON Semiconductor HCT273 Datasheet HTML 5Page - ON Semiconductor HCT273 Datasheet HTML 6Page - ON Semiconductor HCT273 Datasheet HTML 7Page - ON Semiconductor HCT273 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 8
1
Publication Order Number:
MC74HCT273A/D
MC74HCT273A
Octal D Flip-Flop with
Common Clock and Reset
with LSTTL-Compatible
Inputs
High–Performance Silicon–Gate CMOS
The MC74HCT273A may be used as a level converter for
interfacing TTL or NMOS outputs to High–Speed CMOS inputs.
The HCT273A is identical in pinout to the LS273.
This device consists of eight D flip–flops with common Clock and
Reset inputs. Each flip–flop is loaded with a low–to–high transition of
the Clock input. Reset is asynchronous and active low.
Output Drive Capability: 10 LSTTL Loads
TTL/NMOS Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1.0 µA
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 284 FETs or 71 Equivalent Gates
LOGIC DIAGRAM
DATA
INPUTS
D0
11
CLOCK
D1
D2
D3
D4
D5
D6
D7
18
17
14
13
8
7
4
3
1
RESET
19
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
16
15
12
9
6
5
2
PIN 20 = VCC
PIN 10 = GND
NONINVERTING
OUTPUTS
FUNCTION TABLE
Inputs
Output
Reset
Clock
D
Q
LX
X
L
HH
H
HL
L
H
L
X
No Change
H
X
No Change
X = Don’t Care
Z = High Impedance
http://onsemi.com
MARKING
DIAGRAMS
1
20
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
SOIC WIDE–20
DW SUFFIX
CASE 751D
HCT273A
AWLYYWW
PDIP–20
N SUFFIX
CASE 738
1
20
MC74HCT273AN
AWLYYWW
1
20
1
20
Device
Package
Shipping
ORDERING INFORMATION
MC74HCT273AN
PDIP–20
1440 / Box
MC74HCT273ADW
SOIC–WIDE
38 / Rail
MC74HCT273ADWR2 SOIC–WIDE
1000 / Reel
PIN ASSIGNMENT
Q2
D1
D0
Q0
RESET
GND
Q3
D3
D2
Q1
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Q6
D6
D7
Q7
VCC
CLOCK
Q4
D4
D5
Q5


Similar Part No. - HCT273

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HCT273 MOTOROLA-HCT273 Datasheet
131Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
logo
STMicroelectronics
HCT273 STMICROELECTRONICS-HCT273 Datasheet
69Kb / 9P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results

Similar Description - HCT273

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_14 Datasheet
118Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
logo
Motorola, Inc
MC74HCT273A MOTOROLA-MC74HCT273A Datasheet
131Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_11 Datasheet
141Kb / 7P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
logo
Motorola, Inc
MC74HCT174A MOTOROLA-MC74HCT174A Datasheet
178Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_06 Datasheet
148Kb / 8P
   Octal D Flip?묯lop with Common Clock and Reset with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 10
logo
Motorola, Inc
MC74HCT74A MOTOROLA-MC74HCT74A Datasheet
187Kb / 5P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A Datasheet
154Kb / 8P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HC273 ONSEMI-MC74HC273 Datasheet
195Kb / 8P
   OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com