Electronic Components Datasheet Search |
|
UT54LVDS032-UCXA Datasheet(PDF) 5 Page - Aeroflex Circuit Technology |
|
UT54LVDS032-UCXA Datasheet(HTML) 5 Page - Aeroflex Circuit Technology |
5 / 11 page 5 DC ELECTRICAL CHARACTERISTICS 1 (V DD = 5.0V +10%; -55°C < TC < +125°C) Notes: 1. Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground. 2. Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. Only one output should be shorted at a time, do not excee d maximum junction temperature specification. 3. Guaranteed by characterization. 4. Device tested at VCC = 5.5V only. SYMBOL PARAMETER CONDITION MIN MAX UNIT VIH High-level input voltage (TTL) 2.0 V V IL Low-level input voltage (TTL) 0.8 V VOL Low-level output voltage IOL = 2mA, VDD = 4.5V 0.3 V VOH High-level output voltage IOH = -0.4mA, VDD = 4.5V 4.0 V I IN Logic input leakage current Inputs, V IN = 0 and 2.4V, V CC = 5.5 Enables = EN/EN= 0 and 5.5V, VCC = 5.5 -10 -10 +10 +10 µA VTH 3 Differential Input High Threshold V CM = +1.2V +100 mV VTL 3 Differential Input Low Threshold VCM = +1.2V -100 mV II Receiver input Current VIN = 2.4V -10 +10 µΑ IOZ 4 Output Three-State Current Disabled, V OUT = 0 V or VDD -10 +10 µΑ VCL Input clamp voltage ICL = +/-18mA -1.5 1.5 V IOS 3 Output Short Circuit Current Enabled, VOUT = 0 V 2 -15 -130 mA ICC 4 Loaded supply current receivers enabled EN, EN = V DD or V SS Inputs Open 11 mA ICCZ 4 Loaded supply current receivers disabled EN = VSS, EN = VDD Inputs Open 11 mA |
Similar Part No. - UT54LVDS032-UCXA |
|
Similar Description - UT54LVDS032-UCXA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |