Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

420 Datasheet(PDF) 2 Page - Littelfuse

Part # 420
Description  SURFACE MOUNT FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

420 Datasheet(HTML) 2 Page - Littelfuse

  420 Datasheet HTML 1Page - Littelfuse 420 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
050912
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
SSSSSURFACE
URFACE
URFACE
URFACE
URFACE
M
M
M
M
MOUNT
OUNT
OUNT
OUNT
OUNT
FFFFFUSES
USES
USES
USES
USES
No. 420
420
420
420
420
Contact WICKMANN for individual I-t curves
IIIII
Fault
Fault
Fault
Fault
Fault / I
/ I
/ I
/ I
/ I
Rated
Rated
Rated
Rated
Rated
23
4
5
6
7
8 9
110
15
1.5
I-t Characteristics
(Min-Max Limit)
UL 248-14
Test value


Similar Part No. - 420

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
420 STMICROELECTRONICS-420 Datasheet
69Kb / 7P
   NPN Silicon RF Transistor
logo
Intel Corporation
420 INTEL-420 Datasheet
1Mb / 100P
   Supporting the Intel Celeron processor
420 INTEL-420 Datasheet
1Mb / 71P
   Celeron M Processor on 65 nm Process
logo
Oscilent Corporation
420 OSCILENT-420 Datasheet
150Kb / 3P
   HCMOS / TTL Output
logo
DB Lectro Inc
420 DBLECTRO-420 Datasheet
307Kb / 1P
   420 LED wire-to-board connector
More results

Similar Description - 420

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
441 LITTELFUSE-441 Datasheet
38Kb / 2P
   SURFACE MOUNT FUSES
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
   Surface Mount Fuses
0154015DRT LITTELFUSE-0154015DRT Datasheet
116Kb / 1P
   Surface Mount Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com