Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

382 Datasheet(PDF) 1 Page - Littelfuse

Part # 382
Description  SUBMINIATURE FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

382 Datasheet(HTML) 1 Page - Littelfuse

  382 Datasheet HTML 1Page - Littelfuse 382 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050114
WebSite
WebSite
WebSite
WebSite
WebSite
Europe
Europe
Europe
Europe
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia
Asia
Asia
Asia
Asia Tel: +852 26 14-1108
China
China
China
China
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
∅ 8,5
∅ 0,6
5,08
1.00 A
1100
250 V
100
400
3.0
••••
1.25 A
1125
250 V
95
465
4.5
••••
1.60 A
1160
250 V
90
490
9.0
••••
2.00 A
1200
250 V
85
670
12
••••
2.50 A
1250
250 V
80
750
22
••••
3.15 A
1315
250 V
75
900
32
••••
4.00 A
1400
250 V
70
1200
58
••••
5.00 A
1500
250 V
65
1250
90
G
6.30 A*
1630
250 V
65
1400
105
100A / 250 V AC 1
50-60Hz
cos ϕ = 1.0
SSSSSUBMINIA
UBMINIA
UBMINIA
UBMINIA
UBMINIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
IEC 60127-3/IV
IEC 60127-3/IV
IEC 60127-3/IV
IEC 60127-3/IV
IEC 60127-3/IV, 250 V
, 250 V
, 250 V
, 250 V
, 250 V, T
, T
, T
, T
, T
lead free
lead free
lead free
lead free
lead free
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Time Lag (T)
Standard
Standard
Standard
Standard
Standard
IEC 60127-3/IV
Approvals
Approvals
Approvals
Approvals
Approvals
VDE
SEMKO
cULus Recognized
METI-T-Mark
METI-PSE
CCC
Features
Features
Features
Features
Features
Lead Free
100A breaking capacity
Reduced PCB space requirements
Direct solderable or plug-in versions
Internationally approved
Low internal resistance
Shocksafe casing
Vibration resistant
Halogen free
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further info see:
Further info see:
Further info see:
Further info see:
Further info see:
www.wickmanngroup.com
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
www.wickmanngroup.com/download/
fuseology.pdf
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Long Leads (L=18.8mm)
Short Leads (L=4.3mm)
Rated Current
1.5 x I
N
2.1 x I
N
2.75 x I
N
4 x I
N
10 x I
N
1.00 A ... 6.30 A
> 1 h
< 2 min
400 ms ... 10 s 150 ms ... 3 s 20 ms ... 150 ms
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.5 x I
N
10 x I
N
max. (mV)
max. (mW)
min. (A2s)
Holes in PCB
Order
Order
Order
Order
Order
Qty
Qty
Qty
Qty
Qty.....
Order
Order
Order
Order
Order-----
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
382
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Tape/Ammopack (1000 pcs.)
041: Short Leads - Bulk (1000 pcs.)
Materials
Materials
Materials
Materials
Materials
Base/Cap:
Brown Thermoplastic
Polyamide PA 6.6, UL 94 V0
Round Pins: Copper, Sn plated
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40 ºC to +85 ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-40 ºC/+85 ºC/21 days
(IEC 60068-1,-2-1,-2-2,-2-78)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days-95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
10N (IEC 60068-2-21)
Solderability
Solderability
Solderability
Solderability
Solderability
260 ºC, ≤ 3 s (Wave)
350 ºC, ≤ 3 s (Soldering Iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260 ºC, 10 s (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, 382, 250 V, T, Current Rating, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.82 g (approx.)
Limits for Pre-arcing T
Limits for Pre-arcing T
Limits for Pre-arcing T
Limits for Pre-arcing T
Limits for Pre-arcing Time
ime
ime
ime
ime
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 100
100
100
100
100 % at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23 ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4 ºF).
ºF).
ºF).
ºF).
ºF).
1 Breaking capacity at UL: 50A at 250V
* Conducting path min. 0.2mm2
G Expert Report
No.
No.
No.
No.
No. 382 /
382 /
382 /
382 /
382 / TR5
TR5
TR5
TR5
TR5®®®®®
Specifications are subject
to change without notice
G•


Similar Part No. - 382

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
   Pliers
382-0330 ETC2-382-0330 Datasheet
149Kb / 2P
   Kit
382-2094C ETC2-382-2094C Datasheet
18Kb / 2P
   Modular Crimping Tool
382-312A ETC2-382-312A Datasheet
146Kb / 2P
   Rotary Cable Strippers
382-312B ETC2-382-312B Datasheet
146Kb / 2P
   Rotary Cable Strippers
More results

Similar Description - 382

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
   Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
   Subminiature Fuses
logo
List of Unclassifed Man...
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
   Subminiature Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com