Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR84145 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STR84145
Description  LATCHED, UNIVERSAL INPUT-VOLTAGE SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR84145 Datasheet(HTML) 2 Page - Allegro MicroSystems

  STR84145 Datasheet HTML 1Page - Allegro MicroSystems STR84145 Datasheet HTML 2Page - Allegro MicroSystems STR84145 Datasheet HTML 3Page - Allegro MicroSystems STR84145 Datasheet HTML 4Page - Allegro MicroSystems STR84145 Datasheet HTML 5Page - Allegro MicroSystems STR84145 Datasheet HTML 6Page - Allegro MicroSystems STR84145 Datasheet HTML 7Page - Allegro MicroSystems STR84145 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STR83145 AND STR84145
LATCHED, UNIVERSAL
INPUT-VOLTAGE SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
ALLOWABLE PACKAGE POWER DISSIPATION
COMMON
3
GATE
5
1
2
4
Dwg. FK-004
+
REG.
LATCH
DELAY
MT1
MT2
OSC.
7 V
30
20
10
20
60
100
40
FREE AIR
27 W
0
TEMPERATURE in
°C
INFINITE HEAT SINK
(NO MICA SHEET)
Dwg. GK-010
2 W
80
120
0
25
15
5
150 mm x 150 mm x 2 mm
(WITH MICA SHEET)
100 mm x 100 mm x 2 mm
(WITH MICA SHEET)
75 mm x 75 mm x 2 mm
(WITH MICA SHEET)
P
IS LIMITED BY T
D
J
P
IS LIMITED BY T
DM
Copyright © 1994 Allegro MicroSystems, Inc.


Similar Part No. - STR84145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STR8 ETC2-STR8 Datasheet
748Kb / 5P
   DC Advanced Microstep Drive
logo
Sanken electric
STR80145A SANKEN-STR80145A Datasheet
12Kb / 1P
   Voltage Doubler/Bridge Rectifier Automatic Switch ICs
STR80145A SANKEN-STR80145A Datasheet
80Kb / 2P
   Hybrid Auto-Switch Module-Doubler
logo
Solid State Optronic
STR8042 SSOUSA-STR8042 Datasheet
373Kb / 8P
   AC Solid State Relay
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
   AC Solid State Relay
More results

Similar Description - STR84145

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR83145 ALLEGRO-STR83145 Datasheet
125Kb / 8P
   LATCHED, UNIVERSAL INPUT-VOLTAGE SWITCHES
logo
Delta Electronics, Inc.
DRP012V015W1AX DELTA-DRP012V015W1AX Datasheet
1Mb / 12P
   Universal AC input voltage
DRL-24V120W1AX DELTA-DRL-24V120W1AX Datasheet
779Kb / 15P
   Universal AC input voltage
DRP024V060W1NX DELTA-DRP024V060W1NX Datasheet
1Mb / 14P
   Universal AC input voltage
logo
CUI INC
SWI10-E CUI-SWI10-E Datasheet
580Kb / 5P
   universal input voltage range
logo
Delta Electronics, Inc.
DRL-48V120W1AX DELTA-DRL-48V120W1AX Datasheet
781Kb / 15P
   Universal AC input voltage
DRM-24V120W1PN DELTA-DRM-24V120W1PN Datasheet
1Mb / 20P
   Universal AC input voltage range
DRP024V060W1BX DELTA-DRP024V060W1BX Datasheet
1Mb / 15P
   Universal AC input voltage range
DRM-24V240W1PN DELTA-DRM-24V240W1PN Datasheet
951Kb / 20P
   Universal AC input voltage range
logo
Littelfuse
72093 LITTELFUSE-72093 Datasheet
476Kb / 1P
   UNIVERSAL ROTARY SWITCHES
2019 Rev: 061219
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com