Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

324001P Datasheet(PDF) 1 Page - Littelfuse

Part # 324001P
Description  Axial Lead and Cartridge Fuses - Ceramic Body
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

324001P Datasheet(HTML) 1 Page - Littelfuse

  324001P Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
406
www .littelfuse .com
3AB Fast-Acting Fuse 314P/324P Series
314 000P Series
324 000P Series
6.35 (.25")
32.385
(1.275")
31.75
(1.25")
6.985 (.275")
38.1
(1.50") TYP.
Axial Lead Material: Tin coated copper.
0.813 (.032") (
- 15A)
1.016 (.040") (20 - 30A)
1
8
/
Ceramic body construction permits higher interrupting ratings and volt-
age ratings. Ideal for applications where high current loads are expected.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
100%
1/8–30
4 hours, Minimum
135%
1/8–30
1 hour, Maximum
200%
1/8–12
15 seconds, Maximum
15 – 30
30 seconds, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories
and Certified by CSA through 15 amperes at 250 VAC/125 VDC.
Recognized under the Components Program of Underwriters
Laboratories at 20-30A, certified by CSA at 20A, and approved by METI
from 10 through 30 amperes.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
0.125 - 20A
10,000@ 125 VAC
25- 30A
400A @ 125 VAC
0.125 - .75A
35A @ 250 VAC
1 - 3A
100A @ 250VAC
4 - 15A
750A @ 250VAC
20A
1,000A @ 250VAC
200A @ 300VAC
25-30A
100A @ 250VAC
ORDERING INFORMATION:
1000
100
10
1
0.1
0.01
0.1
1
10
100
1000
CURRENT IN AMPERES
Cartridge
Axial Lead
Nominal
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Melting I
2 t
Number
Number
Rating
Rating
Cold Ohms
A
2 Sec.
314.125P
324.125P
1/8
250
6.20
0.00149
314.250P
324.250P
1/4
250
1.95
0.0140
314.375P
324.375P
3/8
250
0.820
0.050
314.500P
324.500P
1/2
250
0.500
0.115
314.750P
324.750P
3/4
250
0.250
0.466
314 001P
324 001P
1
250
0.189
0.690
314 002P
324 002P
2
250
0.0700
11.0
314 003P
324 003P
3
250
0.0432
14.6
314 004P
324 004P
4
250
0.0470
10.4
314 005P
324 005P
5
250
0.0300
26.0
314 006P
324 006P
6
250
0.0240
45.0
314 007P
324 007P
7
250
0.0187
71.0
314 008P
324 008P
8
250
0.0153
105.0
314 010P
324 010P
10
250
0.0105
206.0
314 012P
324 012P
12
250
0.00760
570.0
314 015P
324 015P
15
250
0.00505
292.0
314 020P
324 020P
20
250
0.00355
631.0
314 025P
324 025P
25
250
0.00235
1450.0
314 030P
324 030P
30
250
0.00182
2490.0
Average Time Current Curves
®
UL
®
®
Ceramic Body
Pb
RoHS


Similar Part No. - 324001P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
324001P LITTELFUSE-324001P Datasheet
140Kb / 1P
   Axial Lead and Cartridge Fuses
More results

Similar Description - 324001P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
676 LITTELFUSE-676 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
674 LITTELFUSE-674 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
677 LITTELFUSE-677 Datasheet
39Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
325 LITTELFUSE-325 Datasheet
43Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
675 LITTELFUSE-675 Datasheet
41Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
325P LITTELFUSE-325P Datasheet
51Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
314 LITTELFUSE-314 Datasheet
53Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
313P LITTELFUSE-313P Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
673 LITTELFUSE-673 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
312P LITTELFUSE-312P Datasheet
46Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com