Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V70210BC Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V70210BC
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70210BC Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V70210BC Datasheet HTML 4Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 5Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 6Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 7Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 8Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 9Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 10Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 11Page - Integrated Device Technology IDT72V70210BC Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT72V70210 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 1,024 x 1,024
Reset Value:
0000H.
Bit
Name
Description
15-10
Unused
Must be zero for normal operation.
9
MBP
When 1, the connection memory block programming feature is ready for the programming of Connection Memory high bits,
(Memory Block Program)
bit 11 to bit 15. When 0, this feature is disabled.
8-5
BPD4-0
These bits carry the value to be loaded into the connection memory block whenever the memory block programming feature
(Block Programming Data)
is activated. After the MBP bit in the control register is set to 1 and the BPE bit is set to 1, the contents of the bits BPD3-0 are
loaded into bit 15 and 12 of the connection memory. Bit 11 to bit 0 of the connection memory are set to 0.
4
BPE
A zero to one transition of this bit enables the memory block programming function. The BPE and BPD4-0 bits in the CR
(Begin Block
register have to be defined in the same write operation. Once the BPE bit is set HIGH, the device requires two frames to
Programming Enable)
complete the block programming. After the programming function has finished, the BPE bit returns to zero to indicate the
operation is completed. When the BPE = 1, the BPE or MBP can be set to 0 to abort to ensure proper operation. When
BPE = 1, the other bit in the CR register must not be changed for two frames to ensure proper operation.
3
OSB
When ODE = 0 and OSB = 0, the output drivers of TX0 to TX31 are in high impedance mode. When ODE = 0 and OSB = 1,
(Output Stand By)
the output driver of TX0 to TX31 function normally. When ODE = 1, TX0 to TX31 output drivers function normally.
2
SFE
A zero to one transition in this bit starts the frame evaluation procedure. When the CFE bit in the FAR register changes from
(Start Frame Evaluation)
zero to one, the evaluation procedure stops. To start another fame evaluation cycle, set this bit to zero for at least one frame.
1-0
Unused
Must be zero for normal operation.
15
14
13
12
11
10
9876543210
000000
MBP
BPD3
BPD2
BPD1
BPD0
BPE
OSB
SFE
0
0
TABLE 5 — CONTROL REGISTER (CR) BITS
TABLE 6 — CONNECTION MEMORY BITS
Bit
Name
Description
15
LPBK
When 1, the RX n channel m data comes from the TX n channel m. For proper per channel loopback operations, set the delay
(Per Channel Loopback)
offset register bits OFn[2:0] to zero for the streams which are in the loopback mode.
14
V/C(Variable/Constant
This bit is used to select between the variable (LOW) and constant delay (HIGH) mode on a per-channel basis.
ThroughputDelay)
13
P C
When 1, the contents of the connection memory are output on the corresponding output channel and stream. Only the lower
(Processor Channel)
byte (bit 7 – bit 0) will be output to the TX output pins. When 0, the contents of the connection memory are the data memory
address of the switched input channel and stream.
12
OE
This bit enables the TX output drivers on a per-channel basis. When 1, the output driver functions normally. When 0, the output
(OutputEnable)
driver is in a high-impedance state.
11-7
SAB4-0 (Source Stream
The binary value is the number of the data stream for the source of the connection.
Address Bits)
6-5
Unused
Must be zero for normal operation.
4-0
CAB4-0 (Source Channel
The binary value is the number of the channel for the source of the connection.
Address Bits)
15
14
13
12
11
10
9876543210
LPBK
V/C
PC
OE
SAB4
SAB3
SAB2
SAB1
SAB0
0
0
CAB4
CAB3
CAB2
CAB1
CAB0


Similar Part No. - IDT72V70210BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70210 RENESAS-IDT72V70210 Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
IDT72V70210DAG RENESAS-IDT72V70210DAG Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
More results

Similar Description - IDT72V70210BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V70810 RENESAS-72V70810 Datasheet
782Kb / 24P
   3.3 VOLT Time SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JUNE 9, 2014
IDT72V70210 RENESAS-IDT72V70210 Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
logo
Integrated Device Techn...
IDT72V70810 IDT-IDT72V70810 Datasheet
149Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com