Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT61 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GT61
Description  6.0 AMPS. Glass Passivated Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GT61 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GT61 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GT61 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 483 -
RATINGS AND CHARACTERISTIC CURVES (GT605 THRU GT610)
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
.6
.8
.10
1.2
1.4
1.6
1.8
2.0
0.01
0.1
1.0
10.0
100.0
FORWARD VOLTAGE. (V)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
20
0
40
60
80
100
120
140
180
200
160
2
3
1
4
6
5
AMBIENT TEMPERATURE. ( C)
o
Single PhaseHalf Wave 60Hz
Resistive of Inductive Load
FIG.4- TYPICAL JUNCTION CAPACITANCE
110
50
100
10
100
1000
REVERSE VOLTAGE. (V)
Tj=25 C
o
FIG.2-MAXIUM NON-REPETITIVE FORWARD
SURGE CURRENT
50
1
5
10
50
100
150
100
200
250
300
NUMBER OF CYCLES AT 60Hz
Tj=25 C
o


Similar Part No. - GT61

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GT610G TAITRON-GT610G Datasheet
147Kb / 3P
   6 Amp Glass Passivated Quick Connect Rectifier
GT61G TAITRON-GT61G Datasheet
147Kb / 3P
   6 Amp Glass Passivated Quick Connect Rectifier
More results

Similar Description - GT61

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
6A05G TSC-6A05G Datasheet
65Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
6A05G TSC-6A05G_1 Datasheet
236Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
6A05G DYELEC-6A05G Datasheet
529Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
6A05G TSC-6A05G_10 Datasheet
521Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
SF61G TSC-SF61G Datasheet
67Kb / 2P
   6.0 AMPS. Glass Passivated Super Fast Rectifiers
SFD601G TSC-SFD601G Datasheet
62Kb / 2P
   6.0 AMPS. Glass Passivated Super Fast Rectifiers
SF61G TSC-SF61G_10 Datasheet
585Kb / 2P
   6.0 AMPS. Glass Passivated Super Fast Rectifiers
FR601G TSC-FR601G_08 Datasheet
25Kb / 1P
   6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR601G TSC-FR601G_1 Datasheet
249Kb / 2P
   6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
HER601G TSC-HER601G_10 Datasheet
585Kb / 2P
   6.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com