Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

312006P Datasheet(PDF) 1 Page - Littelfuse

Part # 312006P
Description  Axial Lead and Cartridge Fuses - Glass Body
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

312006P Datasheet(HTML) 1 Page - Littelfuse

  312006P Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
402
www .littelfuse .com
Glass Body
3AG Fast-Acting Type 312P/318P Series
1000
100
10
1
0.1
0.01
1
10
100
0.01
0.1
0.005
CURRENT IN AMPERES
Cartridge
Axial Lead
Nominal
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Melting I
2 t
Number
Number
Rating
Rating
Cold Ohms
A
2 Sec.
312.031P
318.031P
1/32
250
23.3
0.0000300
312.062P
318.062P
1/16
250
24.5
0.000249
312.100P
318.100P
1/10
250
11.2
0.00102
312.125P
318.125P
1/8
250
7.10
0.00289
312.150P
318.150P
15/100
250
5.10
0.00550
312.175P
318.175P
.175
250
3.85
0.00960
312.187P
318.187P
3/16
250
3.40
0.0128
312.200P
318.200P
2/10
250
3.00
0.0165
312.250P
318.250P
1/4
250
2.00
0.0355
312.300P
318.300P
3/10
250
1.40
0.0689
312.375P
318.375P
3/8
250
0.820
0.185
312.500P
318.500P
1/2
250
0.495
0.483
312.600P
318.600P
6/10
250
0.360
0.880
312.750P
318.750P
3/4
250
0.243
1.84
312 001P
318 001P
1
250
0.189
0.760
312 1.25P
318 1.25P
11/4
250
0.138
1.45
312 01.5P
318 01.5P
11/2
250
0.103
2.35
312 01.6P
318 01.6P
16/10
250
0.0930
2.80
312 1.75P
318 1.75P
13/4
250
0.0850
3.60
312 01.8P
318 01.8P
18/10
250
0.0820
3.85
312 002P
318 002P
2
250
0.0700
5.20
312 2.25P
318 2.25P
21/4
250
0.0590
7.20
312 02.5P
318 02.5P
21/2
250
0.0510
9.54
312 003P
318 003P
3
250
0.0424
14.0
312 004P
318 004P
4
250
0.0291
28.5
312 005P
318 005P
5
250
0.0223
50.0
312 006P
318 006P
6
250
0.0177
81.1
312 007P
318 007P
7
250
0.0145
118.0
312 008P
318 008P
8
250
0.0121
166.0
312 010P
318 010P
10
250
0.00925
298.0
312 012P
12
32
0.0071
312 015P
15
32
0.0052
312 020P
20
32
0.0034
312 025P
25
32
0.0024
312 030P
30
32
0.0019
312 035P
35
32
0.0013
Average Time Current Curves
312 000P Series
318 000P Series
6.35
(.25")
32.385
(1.275")
31.75
(1.25")
6.985 (.275")
0.813
(.032")
38.1
(1.50") TYP.
Axial Lead Material: Tin coated copper.
A standard for cost-effective reliability and performance in circuit protec-
tion, the 3AG fuse satisfies a broad range of application requirements.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
100%
1/32–35
4 hours, Minimum
135%
1/32–35
1 hour, Maximum
1/32–10
5 sec., Maximum
200%
12–30
10 sec., Maximum
35
20 sec., Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA through 30 amperes.
1/100–10 amperes listed to UL 248-14 (UL 198-G)
12–30 amperes listed to UL 275.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERUPTING RATING:
10,000A @ 125VAC
35A @ 250VAC
ORDERING INFORMATION:
®
UL
®
Pb
RoHS


Similar Part No. - 312006P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
312006 LITTELFUSE-312006 Datasheet
95Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
312006 LITTELFUSE-312006 Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses
More results

Similar Description - 312006P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
313P LITTELFUSE-313P Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
673 LITTELFUSE-673 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
672 LITTELFUSE-672 Datasheet
43Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
3AG LITTELFUSE-3AG Datasheet
95Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
229P LITTELFUSE-229P Datasheet
118Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
229 LITTELFUSE-229 Datasheet
139Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
224 LITTELFUSE-224 Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
676 LITTELFUSE-676 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
314P LITTELFUSE-314P Datasheet
50Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
674 LITTELFUSE-674 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com