Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3122.25 Datasheet(PDF) 1 Page - Littelfuse

Part # 3122.25
Description  Axial Lead and Cartridge Fuses - Glass Body
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

3122.25 Datasheet(HTML) 1 Page - Littelfuse

  3122.25 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Glass Body
Axial Lead and Cartridge Fuses
3AG Fast-Acting Type 312/318 Series
290
www .littelfuse .com
1000
100
10
1
0.1
0.01
1
10
100
0.01
0.1
0.005
CURRENT IN AMPERES
Cartridge
Axial Lead
Nominal
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Number
Rating
Rating
Cold Ohms
A2 Sec.
312.031
318.031
1/32
250
23.3
0.0000300
312.062
318.062
1/16
250
24.5
0.000249
312.100
318.100
1/10
250
11.2
0.00102
312.125
318.125
1/8
250
7.10
0.00289
312.150
318.150
15/100
250
5.10
0.00550
312.175
318.175
.175
250
3.85
0.00960
312.187
318.187
3/16
250
3.40
0.0128
312.200
318.200
2/10
250
3.00
0.0165
312.250
318.250
1/4
250
2.00
0.0355
312.300
318.300
3/10
250
1.40
0.0689
312.375
318.375
3/8
250
0.820
0.185
312.500
318.500
1/2
250
0.495
0.483
312.600
318.600
6/10
250
0.360
0.880
312.750
318.750
3/4
250
0.243
1.84
312 001
318 001
1
250
0.189
0.760
312 1.25
318 1.25
11/4
250
0.138
1.45
312 01.5
318 01.5
11/2
250
0.103
2.35
312 01.6
318 01.6
16/10
250
0.0930
2.80
312 1.75
318 1.75
13/4
250
0.0850
3.60
312 01.8
318 01.8
18/10
250
0.0820
3.85
312 002
318 002
2
250
0.0700
5.20
312 2.25
318 2.25
21/4
250
0.0590
7.20
312 02.5
318 02.5
21/2
250
0.0510
9.54
312 003
318 003
3
250
0.0424
14.0
312 004
318 004
4
250
0.0291
28.5
312 005
318 005
5
250
0.0223
50.0
312 006
318 006
6
250
0.0177
81.1
312 007
318 007
7
250
0.0145
118.0
312 008
318 008
8
250
0.0121
166.0
312 010
318 010
10
250
0.00925
298.0
312 012
12
32
0.0071
312 015
15
32
0.0052
312 020
20
32
0.0034
312 025
25
32
0.0024
312 030
30
32
0.0019
312 035
35
32
0.0013
Average Time Current Curves
312 000 Series
318 000 Series
6.35
(.25")
32.385
(1.275")
31.75
(1.25")
6.985 (.275")
0.813
(.032")
38.1
(1.50") TYP.
Axial Lead Material: Solder coated copper.
A standard for cost-effective reliability and performance in circuit protec-
tion, the 3AG fuse satisfies a broad range of application requirements.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
110%
1/32–35
4 hours, Minimum
135%
1/32–35
1 hour, Maximum
1/32–10
5 sec., Maximum
200%
12–30
10 sec., Maximum
35
20 sec., Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA through 30 amperes.
1/100–10 amperes listed to UL 248-14 (UL 198-G)
12–30 amperes listed to UL 275.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
FUSES TO MIL SPEC: See F02A cartridge type in Military Section.
INTERUPTING RATING:
10,000A @ 125VAC
35A @ 250VAC
®
UL
®
QPL
ORDERING INFORMATION:
Next
Previous


Similar Part No. - 3122.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
3122.25P LITTELFUSE-3122.25P Datasheet
46Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
More results

Similar Description - 3122.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
313P LITTELFUSE-313P Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
673 LITTELFUSE-673 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
312P LITTELFUSE-312P Datasheet
46Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
672 LITTELFUSE-672 Datasheet
43Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
229P LITTELFUSE-229P Datasheet
118Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
229 LITTELFUSE-229 Datasheet
139Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
224 LITTELFUSE-224 Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
676 LITTELFUSE-676 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
314P LITTELFUSE-314P Datasheet
50Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
674 LITTELFUSE-674 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com