Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4852ADW Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC4852ADW
Description  Analog Multiplexers/Demultiplexers with Injection Current Effect Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4852ADW Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC4852ADW Datasheet HTML 1Page - ON Semiconductor MC74HC4852ADW Datasheet HTML 2Page - ON Semiconductor MC74HC4852ADW Datasheet HTML 3Page - ON Semiconductor MC74HC4852ADW Datasheet HTML 4Page - ON Semiconductor MC74HC4852ADW Datasheet HTML 5Page - ON Semiconductor MC74HC4852ADW Datasheet HTML 6Page - ON Semiconductor MC74HC4852ADW Datasheet HTML 7Page - ON Semiconductor MC74HC4852ADW Datasheet HTML 8Page - ON Semiconductor MC74HC4852ADW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC74HC4851A, MC74HC4852A
http://onsemi.com
5
Figure 5. Typical On Resistance VCC = 2V
Figure 6. Typical On Resistance VCC = 3V
Figure 7. Typical On Resistance VCC = 4.5V
Figure 8. Typical On Resistance VCC = 6V
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
–55
°C
+25
°C
+125
°C
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
–55
°C
+25
°C
+125
°C
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
–55
°C
+25
°C
+125
°C
Vin, INPUT VOLTAGE (VOLTS), REFERENCED TO GND
–55
°C
+25
°C
+125
°C
1100
1000
900
800
700
600
500
400
300
200
100
0
1100
1000
900
800
700
600
500
400
300
200
100
0
660
600
540
480
420
360
300
240
180
120
60
0
440
400
360
320
280
240
200
160
120
80
40
0
0.0
0.9
1.8
2.7
3.6
4.5
0.0
1.2
2.4
3.6
4.8
6.0
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.6
1.2
1.8
2.4
3.0


Similar Part No. - MC74HC4852ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4852AD ONSEMI-MC74HC4852AD Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4852ADG ONSEMI-MC74HC4852ADG Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4852ADG ONSEMI-MC74HC4852ADG Datasheet
210Kb / 16P
   Analog Multiplexers/ Demultiplexers
October, 2016 ??Rev. 21
MC74HC4852ADR2 ONSEMI-MC74HC4852ADR2 Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4852ADR2G ONSEMI-MC74HC4852ADR2G Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
More results

Similar Description - MC74HC4852ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4851A ONSEMI-MC74HC4851A_05 Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4851A ONSEMI-MC74HC4851A_11 Datasheet
230Kb / 15P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
May, 2011 ??Rev. 9
NLVHCT4851ADTR2G ONSEMI-NLVHCT4851ADTR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4851A ONSEMI-MC74HCT4851A Datasheet
205Kb / 13P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT4851ADTG ONSEMI-MC74HCT4851ADTG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com