Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

263.375 Datasheet(PDF) 1 Page - Littelfuse

Part # 263.375
Description  Axial Lead and Cartridge Fuses - Subminiature
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

263.375 Datasheet(HTML) 1 Page - Littelfuse

  263.375 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Subminiature
Axial Lead and Cartridge Fuses
PICO
® II 250 Volt Very Fast-Acting Fuse 263 Series
389
www .littelfuse .com
The PICO® II 250 Volt Fuse is a specially designed axial leaded fuse that
achieves a 250 volt rating in a small package.
RoHS Compliant version now available, use ordering suffix ‘L’
(see example on data sheet).
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
1 second, Maximum
300%
0.1 second, Maximum
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATING: 50 amperes at 250 VAC.
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz); MIL-STD-202,
Method 204, Test Condition C (55–2000 Hz at 10 G’s Peak).
Salt Spray: MIL-STD-202, Method 101, Test Condition B (48 hrs.).
Insulation Resistance (After Opening): MIL-STD-202, Method
302, Test Condition A (10,000 ohms minimum at 100 volts).
Resistance to Soldering Heat: MIL-STD-202,
Method 210, Test Condition C (10 sec at 260°C).
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–55°C to 125°C).
Moisture Resistance: MIL-STD-202, Method 106.
PHYSICAL SPECIFICATIONS:
Materials: Encapsulated, Epoxy-Coated Body; Solder Coated
Copper Leads. RoHS Compliant Product: Pure Tin coated copper
wire leads.
Soldering Parameters:
Wave Solder — 260°C, 10 seconds maximum.
Solderability: MIL-STD-202, Method 208.
Lead Pull Force: MIL-STD-202, Method 211,
Test Condition A (will withstand 7 lb. axial pull test).
PATENTED
ORDERING INFORMATION:
100
10
1
0.1
0.01
0.001
0.05 0.1
1
10
100
CURRENT IN AMPERES
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec.
0263.062
1/16
250
5.50
0.000192
0263.125
1/8
250
1.75
0.00251
0263.250
1/4
250
0.715
0.0165
0263.375
3/8
250
0.391
0.0444
0263.500
1/2
250
0.252
0.1125
0263.750
3/4
250
0.150
0.0411
0263 001
1
250
0.105
0.087
0263 01.5
11/2
250
0.0635
0.398
0263 002
2
250
0.0444
0.74
0263 02.5
21/2
250
0.0340
1.197
0263 003
3
250
0.0274
1.77
0263 03.5
31/2
250
0.0224
2.33
0263 004
4
250
0.0193
3.08
0263 005
5
250
0.0145
5.55
Average Time Current Curves
®
®
F
L 3 1/2 A
38.1
(1.5")
38.1
(1.5")
7.62 (.300")
REF.
0.64 (.025")
DIA.
3.683 (.145")
DIA. REF.
250 V
PACKAGING SPECIFICATIONS: Tape and Reel per EIA-296;
T1: 2.062" (52.4mm) taped spacing; 3,000 per reel.
Options: For RoHS Compliant devices add the letter ‘L’ to end of
packaging suffix. Example: 263001. WRT1L (RoHS Compliant 1A,
3,000 per reel).
RoHS
11


Similar Part No. - 263.375

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
263-332 WAGO-263-332 Datasheet
684Kb / 13P
   PCB terminal block; 2.5 mm²; Pin spacing 5/5.08 mm; 10-pole; CAGE CLAMP®; commoning option; 2,50 mm²; gray
20.06.2023
logo
Eaton All Rights Reserv...
263-R EATON-263-R Datasheet
547Kb / 2P
   Class H/K, J and R ferrule and blade fuse reducers
logo
Pomona Electronics
2630 POMONA-2630 Datasheet
24Kb / 1P
   Breakout: BNC (Female) To Alligator Test Clips
logo
Alpha Wire
2630 ALPHAWIRE-2630 Datasheet
98Kb / 4P
   Customer Specification
10/28/2022
2630 ALPHAWIRE-2630 Datasheet
98Kb / 4P
   Customer Specification
2/21/2023
More results

Similar Description - 263.375

ManufacturerPart #DatasheetDescription
logo
Littelfuse
471 LITTELFUSE-471 Datasheet
49Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
251-253 LITTELFUSE-251-253 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
664 LITTELFUSE-664 Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature
665 LITTELFUSE-665 Datasheet
114Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature
662 LITTELFUSE-662 Datasheet
111Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature
473 LITTELFUSE-473 Datasheet
57Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
663 LITTELFUSE-663 Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature
229P LITTELFUSE-229P Datasheet
118Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
229 LITTELFUSE-229 Datasheet
139Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
224 LITTELFUSE-224 Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com