Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HK100510NJ-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # HK100510NJ-T
Description  MULTILAYER CHIP INDUCTOR FOR HIGH FREQUENCY HK SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HK100510NJ-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  HK100510NJ-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HK100510NJ-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
239
5
Inductance
Imax
[mA]
Rdcmax
[E]
Imax
[mA]
Rdcmax
[E]
Imax
[mA]
Rdcmax
[E]
1.5nH
300
0.13
300
0.10
300
0.10
10.0nH
250
0.42
300
0.26
300
0.30
100.0nH
100
1.60
300
1.00
300
0.90
外形寸法 EXTERNAL DIMENSIONS
P.240
P.242
P.262
P.264
P.272
セレクションガイド
Selection Guide
P.10
Unit
Dmmfinchg
概略バリエーション AVAILABLE INDUCTANCE RANGE
アイテム一覧
Part Numbers
特性図
Electrical Characteristics
梱包
Packaging
信頼性
Reliability Data
使用上の注意
Precautions
Type
L
W
T
e
HK1005
1.00M0.05
0.50M0.05
0.50M0.05
0.25M0.10
f0402g
f0.039M0.002g f0.020M0.002gf0.020M0.002g f0.010M0.004g
HK1608
1.6M0.15
  0.8M0.15
0.8M0.15
0.3M0.2
f0603g
f0.063M0.006gf0.031M0.006gf0.031M0.006gf0.012M0.008g
2.0
  
 1.25M0.2
0.85M0.2
0.5M0.3
HK2125
1.0
  
f0805g
f0.079   g
f0.049M0.008gf0.033M0.008g
f0.020M0.012g
f0.039    g
etc
J0.3
K0.1
J0.012
K0.004
J0.008
K0.012
J0.2
K0.3
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
HK1005
HK1608
HK2125
Type
Range
1.0
1.5
1.0
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
120
470
Imax
[mA]
Rdcmax
[E]
300
0.13
250
0.42
Imax
[mA]
Rdcmax
[E]
300
0.10
300
0.26
300
1.00
Imax
[mA]
Rdcmax
[E]
300
0.10
300
0.30
300
0.90
220
100
1.60


Similar Part No. - HK100510NJ-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK100510NJ-T8 TAIYO-YUDEN-HK100510NJ-T8 Datasheet
276Kb / 2P
   High Frequency Multilayer Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (HK series)
HK100510NJ-TV TAIYO-YUDEN-HK100510NJ-TV Datasheet
143Kb / 1P
   High Frequency Multilayer Chip Inductors for Automotive
HK100510NJ-TV TAIYO-YUDEN-HK100510NJ-TV Datasheet
277Kb / 2P
   High Frequency Multilayer Chip Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (HK series)
HK100510NJ-TV TAIYO-YUDEN-HK100510NJ-TV_V01 Datasheet
277Kb / 2P
   High Frequency Multilayer Chip Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (HK series)
More results

Similar Description - HK100510NJ-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK1005R22J-T TAIYO-YUDEN-HK1005R22J-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK100582NJ-T TAIYO-YUDEN-HK100582NJ-T Datasheet
186Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK10051N0S-T TAIYO-YUDEN-HK10051N0S-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK10057N5J-T TAIYO-YUDEN-HK10057N5J-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK06031N0S-T TAIYO-YUDEN-HK06031N0S-T_V01 Datasheet
267Kb / 2P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK100547NJ-T TAIYO-YUDEN-HK100547NJ-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK0603R10J-T TAIYO-YUDEN-HK0603R10J-T Datasheet
659Kb / 32P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK06035N6S-T TAIYO-YUDEN-HK06035N6S-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK160827NJ-T TAIYO-YUDEN-HK160827NJ-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK0603R10J-T TAIYO-YUDEN-HK0603R10J-T_V01 Datasheet
267Kb / 2P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com