Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6228TSHT Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # HX6228TSHT
Description  128K x 8 STATIC RAM-SOI HX6228
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6228TSHT Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button HX6228TSHT Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6228TSHT Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6228TSHT Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6228TSHT Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6228TSHT Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6228TSHT Datasheet HTML 9Page - Honeywell Solid State Electronics Center HX6228TSHT Datasheet HTML 10Page - Honeywell Solid State Electronics Center HX6228TSHT Datasheet HTML 11Page - Honeywell Solid State Electronics Center HX6228TSHT Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HX6228
10
PACKAGING
The 128K x 8 SOI SRAM is offered in a custom 32-lead or
40-lead Flat Pack. The package is constructed of multilayer
ceramic (Al
2O3) and features internal power and ground
planes.
Ceramic chip capacitors can be mounted to the package by
the user to maximize supply noise decoupling and increase
32-LEAD FLAT PACK PINOUT
32-LEAD FLAT PACK
VDD
A15
CE
NWE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Top
View
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
[1] BSC - Basic lead spacing between centers
[2] Where lead is brazed to package
[3] Parts delivered with leads unformed
[4] Lid connected to VSS
A
b
C
D
e
E
E2
E3
F
L
Q
S
U
V
W
X
Y
Z
0.135 ± 0.015
0.017 ± 0.002
0.004 to 0.009
0.820 ± 0.008
0.050 ± 0.005 [1]
0.600 ± 0.008
0.500 ± 0.008
0.040 ref
0.750 ± 0.005 [2]
0.295 min [3]
0.026 to 0.045
0.035 ± 0.010
0.080 ref
0.380 ref
0.050 ref
0.075 ref
0.010 ref
0.135 ref
All dimensions in inches
22018533-001
E
1
e
b
D
(width)
(pitch)
F
L
TOP
VIEW
E2
A
Lead
Alloy 42
Ceramic
Body
C
E3
Cutout
Area
Q
Kovar
Lid [4]
V
Optional capacitors
in cutout
1
VSS
VDD
VDD
S
U
Z
X
W
Y
BOTTOM
VIEW
board packing density. These capacitors effectively attach
to the internal package power and ground planes. This
design minimizes resistance and inductance of the bond
wire and package, both of which are critical in a transient
radiation environment. All NC (no connect) pins should be
connected to VSS to prevent charge build up in the
radiation environment.
40-LEAD FLAT PACK PINOUT
A15
VSS
VDD
NWE
CE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
VSS
NC
A16
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
NC
VDD
VSS
NC
Top
View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21


Similar Part No. - HX6228TSHT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - HX6228TSHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com