Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29707.5 Datasheet(PDF) 1 Page - Littelfuse

Part # 29707.5
Description  Blade Terminal & Special Purpose Fuses - Low Voltage
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

29707.5 Datasheet(HTML) 1 Page - Littelfuse

  29707.5 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Blade Terminal & Special Purpose Fuses
451
www .littelfuse .com
Low Voltage
MINI® Fuse Fast-Acting Type
The MINI Fuse is smaller than its predecessor, the ATO® Fuse, which
permit more fuses in the same amount of space. More fuses in the same
space satisfy the requirement that more circuits be individually fused in
newer automobiles.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
110%
100 Hours Minimum
135%
.75 sec., Min.; 600 sec., Max.
200%
.15 sec., Min.; 5 sec., Max.
350%
.080 sec., Min.; .250 sec., Max.
600%
.030 sec., Min.; .100 sec., Max.
AGENCY APPROVALS: Listed by Underwriters Laboratories.
DESIGN STANDARD: SAE (Society of Automotive Engineers) J2077.
PHYSICAL SPECIFICATIONS:
Materials: Body: Nylon
Terminations: Silver-Plated
PATENTED
INTERRUPTING RATING:
1000A @ 32VDC
ORDERING INFORMATION:
1000
100
10
1
0.1
0.01
1000
100
10
1
0.1
CURRENT IN AMPERES
Average Time Current Curves
Ampere
Voltage
Body
Nominal Cold
Minimum
Catalog
Rating
Rating
Color
Resistance
Melting I2t
Number
(A)
(VDC)
Code
Ohms
(A2 Sec.)
297 002
2
32
Grey
0.056
2.8
297 003
3
32
Violet
0.034
9.4
297 004
4
32
Pink
0.024
17
297 005
5
32
Tan
0.018
25
297 07.5
71/2
32
Brown
0.011
68
297 010
10
32
Red
0.0073
93
297 015
15
32
Blue
0.0045
270
297 020
20
32
Yellow
0.0032
380
297 025
25
32
Natural
0.0023
625
297 030
30
32
Green
0.0018
1130
Reference pg. 344 for MINI® Fuse P.C. Board fuseholders.
MINI
0.18
(.032")
10.92
(.43")
10.92
(.43")
8.04
(.34")
7.37
(.29")
2.79
(.11")
3.81
(.15")
Reference Dimensions
®
UL
ATO® Fuse, MINI® Fuse,
3AG Fuse Puller
ORDERING INFORMATION:
Catalog Number: 097024
RoHS
12


Similar Part No. - 29707.5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2970714 PHOENIX-2970714 Datasheet
94Kb / 3P
   UMKS- F48M-VS
2970727 PHOENIX-2970727 Datasheet
55Kb / 3P
   Interface module - UMKS- F48F-VS
2970743 PHOENIX-2970743 Datasheet
53Kb / 3P
   Multiple relay module - UMK- 4 RM 24/KSR-24/21
More results

Similar Description - 29707.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
299 LITTELFUSE-299 Datasheet
51Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
995 LITTELFUSE-995 Datasheet
72Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997 LITTELFUSE-997 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
298 LITTELFUSE-298 Datasheet
52Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
498 LITTELFUSE-498 Datasheet
66Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
999 LITTELFUSE-999 Datasheet
54Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
257 LITTELFUSE-257 Datasheet
55Kb / 1P
   Blade Terminal & Special Purpose Fuses -Low Voltage
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
481 LITTELFUSE-481 Datasheet
38Kb / 1P
   Blade Terminal & Special Purpose Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com