Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6228TQRT Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # HX6228TQRT
Description  128K x 8 STATIC RAM-SOI HX6228
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6228TQRT Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  HX6228TQRT Datasheet HTML 1Page - Honeywell Solid State Electronics Center HX6228TQRT Datasheet HTML 2Page - Honeywell Solid State Electronics Center HX6228TQRT Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6228TQRT Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6228TQRT Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6228TQRT Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6228TQRT Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6228TQRT Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6228TQRT Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HX6228
4
VDD
Supply Voltage Range (2)
-0.5
6.5
V
VPIN
Voltage on Any Pin (2)
-0.5
VDD+0.5
V
TSTORE
Storage Temperature (Zero Bias)
-65
150
°C
TSOLDER
Soldering Temperature (5 Seconds)
270
°C
PD
Maximum Power Power Dissipation (3)
2.5
W
IOUT
DC or Average Output Current
25
mA
VPROT
ESD Input Protection Voltage (4)
1500
V
ΘJC
Thermal Resistance (Jct-to-Case)
2
°C/W
TJ
Junction Temperature
175
°C
Parameter
Symbol
Units
ABSOLUTE MAXIMUM RATINGS (1)
Max
Min
Rating
(1) Stresses in excess of those listed above may result in permanent damage. These are stress ratings only, and operation at these levels is not
implied. Frequent or extended exposure to absolute maximum conditions may affect device reliability.
(2) Voltage referenced to VSS.
(3) RAM power dissipation (IDDSB + IDDOP) plus RAM output driver power dissipation due to external loading must not exceed this specification.
(4) Class 1 electrostatic discharge (ESD) input protection. Tested per MIL-STD-883, Method 3015 by DESC certified lab.
RECOMMENDED OPERATING CONDITIONS
Symbol
VDD
Supply Voltage (referenced to VSS)
4.5
5.0
5.5
V
TA
Ambient Temperature
-55
25
125
°C
VPIN
Voltage on Any Pin (referenced to VSS)
-0.3
VDD+0.3
V
Max
Typ
Units
Description
Parameter
Min
CI
Input Capacitance
6
7
pF
VI=VDD or VSS, f=1 MHz
CO
Output Capacitance
8
9
pF
VIO=VDD or VSS, f=1 MHz
Parameter
Max
Min
Symbol
Test Conditions
Worst Case
Units
CAPACITANCE (1)
(1) This parameter is tested during initial design characterization only.
Typical
Symbol
Test Conditions
Min
DATA RETENTION CHARACTERISTICS
Max
Parameter
Typical
(1)
Units
NCS=VDD=VDR
VI=VDR or VSS
VDR
Data Retention Voltage (3)
2.5
V
IDR
Data Retention Current
200
1.0
mA
NCS=VDR
VI=VDR or VSS
(1) Typical operating conditions: TA= 25
°C, pre-radiation.
(2) Worst case operating conditions: TA= -55
°C to +125°C, past total dose at 25°C.
(3) To maintain valid data storage during transient radiation, VDD must be held within the recommended operating range.
Worst Case (2)


Similar Part No. - HX6228TQRT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - HX6228TQRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com