Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KT882P15 Datasheet(PDF) 6 Page - OPTEK Technologies

Part # KT882P15
Description  SLOTTED OPTICAL SWITCHES PHOTOTRAMSISTOR OUTPUT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

KT882P15 Datasheet(HTML) 6 Page - OPTEK Technologies

  KT882P15 Datasheet HTML 1Page - OPTEK Technologies KT882P15 Datasheet HTML 2Page - OPTEK Technologies KT882P15 Datasheet HTML 3Page - OPTEK Technologies KT882P15 Datasheet HTML 4Page - OPTEK Technologies KT882P15 Datasheet HTML 5Page - OPTEK Technologies KT882P15 Datasheet HTML 6Page - OPTEK Technologies KT882P15 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image


Similar Part No. - KT882P15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KT88 ETC-KT88 Datasheet
618Kb / 8P
   BEAM PENTODE 6V 3V INDIRECTILY HEATED
More results

Similar Description - KT882P15

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
KT830 OPTEK-KT830 Datasheet
650Kb / 7P
   SLOTTED OPTICAL SWITCHES PHOTOTRANSISTOR OUTPUT
OPB828 OPTEK-OPB828 Datasheet
252Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB845A OPTEK-OPB845A Datasheet
230Kb / 2P
   Slotted Optical Switches
OPB847 OPTEK-OPB847 Datasheet
299Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB853A1 OPTEK-OPB853A1 Datasheet
266Kb / 2P
   Slotted Optical Switches
OPB852A1 OPTEK-OPB852A1 Datasheet
174Kb / 2P
   Slotted Optical Switches
OPB821 OPTEK-OPB821 Datasheet
242Kb / 2P
   Slotted Optical Switches
OPB827A OPTEK-OPB827A Datasheet
256Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB854A3 OPTEK-OPB854A3 Datasheet
226Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB830W OPTEK-OPB830W_06 Datasheet
373Kb / 4P
   Slotted Optical Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com