Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC589AD Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC589AD
Description  8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC589AD Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC589AD Datasheet HTML 1Page - ON Semiconductor MC74HC589AD Datasheet HTML 2Page - ON Semiconductor MC74HC589AD Datasheet HTML 3Page - ON Semiconductor MC74HC589AD Datasheet HTML 4Page - ON Semiconductor MC74HC589AD Datasheet HTML 5Page - ON Semiconductor MC74HC589AD Datasheet HTML 6Page - ON Semiconductor MC74HC589AD Datasheet HTML 7Page - ON Semiconductor MC74HC589AD Datasheet HTML 8Page - ON Semiconductor MC74HC589AD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC74HC589A
http://onsemi.com
5
FUNCTION TABLE
Inputs
Resulting Function
Operation
Output
Enable
Serial Shift/
Parallel Load
Latch
Clock
Shift
Clock
Serial
Input
SA
Parallel
Inputs
A–H
Data
Latch
Contents
Shift
Register
Contents
Output
QH
Force output into high
impedance state
H
X
X
X
X
X
X
X
Z
Load parallel data into
data latch
L
H
L, H,
X
a–h
a–h
U
U
Transfer latch contents to
shift register
L
L
L, H,
X
X
X
U
LRN
SRN
LRH
Contents of input latch
and shift register are
unchanged
L
H
L, H,
L, H,
X
X
U
U
U
Load parallel data into
data latch and shift
register
L
L
X
X
a–h
a–h
a–h
h
Shift serial data into shift
register
L
H
X
D
X
*
SRA = D,
SRN
SRN+1
SRG
SRH
Load parallel data in data
latch and shift serial data
into shift register
L
H
D
a–h
a–h
SRA = D,
SRN
SRN+1
SRG
SRH
LR = latch register contents
U = remains unchanged
SR = shift register contents
X = don’t care
a–h = data at parallel data inputs A–H
Z = high impedance
D = data (L, H) at serial data input SA
* = depends on Latch Clock input


Similar Part No. - MC74HC589AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589AD ONSEMI-MC74HC589AD Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC589ADG ONSEMI-MC74HC589ADG Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC589ADG ONSEMI-MC74HC589ADG Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
MC74HC589ADR2 ONSEMI-MC74HC589ADR2 Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC589ADR2G ONSEMI-MC74HC589ADR2G Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
More results

Similar Description - MC74HC589AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A_14 Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
logo
Motorola, Inc
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC597A ONSEMI-MC74HC597A Datasheet
150Kb / 12P
   8-Bit Serial or Parallel- Input/Serial-Output Shift Register
July, 2013 ??Rev. 3
MC74HC595A ONSEMI-MC74HC595A_16 Datasheet
122Kb / 13P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
December, 2016 ??Rev. 23
MC74HC165A ONSEMI-MC74HC165A_16 Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com