Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6228ASNC Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HX6228ASNC
Description  128K x 8 STATIC RAM-SOI HX6228
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6228ASNC Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HX6228ASNC Datasheet HTML 1Page - Honeywell Solid State Electronics Center HX6228ASNC Datasheet HTML 2Page - Honeywell Solid State Electronics Center HX6228ASNC Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6228ASNC Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6228ASNC Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6228ASNC Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6228ASNC Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6228ASNC Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6228ASNC Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RADIATION
• Fabricated with RICMOS™ IV Silicon on Insulator (SOI)
0.7
µm Process (L
eff = 0.55 µm)
• Total Dose Hardness through 1x106 rad(SiO
2)
• Neutron Hardness through 1x1014 cm-2
• Dynamic and Static Transient Upset Hardness
through 1x1011 rad (Si)/s
• Dose Rate Survivability through <1x1012 rad(Si)/s
• Soft Error Rate of <1x10-10 upsets/bit-day in
Geosynchronous Orbit
• No Latchup
128K x 8 STATIC RAM—SOI
HX6228
OTHER
• Read/Write Cycle Times
≤ 16 ns (Typical)
≤ 25 ns (-55 to 125°C)
• Typical Operating Power <25 mW/MHz
• Asynchronous Operation
• CMOS or TTL Compatible I/O
• Single 5 V
± 10% Power Supply
• Packaging Options
- 32-Lead Flat Pack (0.820 in. x 0.600 in.)
- 40-Lead Flat Pack (0.775 in. x 0.710 in.)
Military & Space Products
GENERAL DESCRIPTION
The 128K x 8 Radiation Hardened Static RAM is a high
performance 131,072 word x 8-bit static random access
memory with industry-standard functionality. It is fabricated
with Honeywell’s radiation hardened technology, and is
designed for use in systems operating in radiation environ-
ments. The RAM operates over the full military temperature
range and requires only a single 5 V
± 10% power supply. The
RAM is wire bond programmable for either TTL or CMOS
compatible I/O. Power consumption is typically less than 25
mW/MHz in operation, and less than 5 mW in the low power
disabled mode. The RAM read operation is fully asynchro-
nous, with an associated typical access time of 15 ns at 5V.
Honeywell’s enhancedSOI RICMOS™IV (Radiation Insen-
sitive CMOS) technology is radiation hardened through the
use of advanced and proprietary design, layout and process
hardening techniques. The RICMOS™ IV process is an
advanced 5-volt, SIMOX CMOS technology with a 150 Å
gate oxide and a minimum feature size of 0.7
µm (0.55 µm
effective gate length—L
eff).
Additional features include
Honeywell’s proprietary SHARP planarization process, and
a lightly doped drain (LDD) structure for improved short
channel reliability. A 7 transistor (7T) memory cell is used for
superior single event upset hardening, while three layer
metal power bussing and the low collection volume SIMOX
substrate provide improved dose rate hardening.
FEATURES


Similar Part No. - HX6228ASNC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - HX6228ASNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com