Part Name
         Description
MC74HC589A

 8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output ( 12 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 4 page
background image
MC74HC589A
http://onsemi.com
4
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
Guaranteed Limit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tsu
Minimum Setup Time, A–H to Latch Clock
(Figure 5)
2.0
3.0
4.5
6.0
100
TBD
20
17
125
TBD
25
21
150
TBD
30
26
ns
tsu
Minimum Setup Time, Serial Data Input SA to Shift Clock
(Figure 6)
2.0
3.0
4.5
6.0
100
TBD
20
17
125
TBD
25
21
150
TBD
30
26
ns
tsu
Minimum Setup Time, Serial Shift/Parallel Load to Shift Clock
(Figure 7)
2.0
3.0
4.5
6.0
100
TBD
20
17
125
TBD
25
21
150
TBD
30
26
ns
th
Minimum Hold Time, Latch Clock to A–H
(Figure 5)
2.0
3.0
4.5
6.0
25
TBD
5
5
30
TBD
6
6
40
TBD
8
7
ns
th
Minimum Hold Time, Shift Clock to Serial Data Input SA
(Figure 6)
2.0
3.0
4.5
6.0
5
5
5
5
5
5
5
5
5
5
5
5
ns
tw
Minimum Pulse Width, Shift Clock
(Figure 2)
2.0
3.0
4.5
6.0
75
TBD
15
13
95
TBD
19
16
110
TBD
23
19
ns
tw
Minimum Pulse Width, Latch Clock
(Figure 1)
2.0
3.0
4.5
6.0
80
TBD
16
14
100
TBD
20
17
120
TBD
24
20
ns
tw
Minimum Pulse Width, Serial Shift/Parallel Load
(Figure 4)
2.0
3.0
4.5
6.0
80
TBD
16
14
100
TBD
20
17
120
TBD
24
20
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
3.0
4.5
6.0
1000
TBD
500
400
1000
TBD
500
400
1000
TBD
500
400
ns
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book
(DL129/D).



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74F5958-bit shift register with output laches 3-State 1 2 3 4 5 MoreNXP Semiconductors
74LV5958-bit serial-in/serial or parallel-out shift register with output latches 3-State 1 2 3 4 5 MoreNXP Semiconductors
74AHC5958-bit serial-in/serial or parallel-out shift register with output latches; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74HC5958-bit serial-in/serial or parallel-out shift register with output latches; 3-state 1 2 3 4 5 MoreNXP Semiconductors
MM74HC5898-Bit Shift Registers with Input Latches and 3-STATE Serial Output 1 2 3 4 5 MoreFairchild Semiconductor
SN74LS5898-BIT SHIFT REGISTERS WITH INPUT LATCHES AND 3-STATE OUTPUT 1 2 3 4 5 Texas Instruments
HCF4015BDUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT 1 2 3 4 5 MoreSTMicroelectronics
74HC5948-bit shift register with output register 1 2 3 4 5 MoreNXP Semiconductors
74F3228-bit serial/parallel register with sign extend 3-State 1 2 3 4 5 MoreNXP Semiconductors
TC4015BPDUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl