Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5W816WG-10L Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M5M5W816WG-10L
Description  8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5W816WG-10L Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M5W816WG-10L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5W816WG-10L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5W816WG-10L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5W816WG-10L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5W816WG-10L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5W816WG-10L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5W816WG-10L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5W816WG-10L Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI ELECTRIC
M5M5W816WG -85L, 10L, 85H, 10H
-85LI, 10LI, 85HI, 10HI
1999.1.15
Ver. 0.1
8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change
3
ABSOLUTE MAXIMUM RATINGS
pF
10
VI=GND, VI=25mVrms, f=1MHz
VO
=GND,VO=25mVrms, f=1MHz
CI
CO
Symbol
Parameter
Limits
Conditions
Units
µA
mA
mA
V
Icc1
Icc2
Icc4
VIH
VIL
IO
Icc3
VOH
IOH= -0.1mA
VOL
IOL=0.1mA
II
VI =0 ~ Vcc
BC1 and BC2=VIHor S1=VIHor S2=VIL or OE=VIH, VI/O=0 ~ Vcc
Vcc+0.2V
0.4
0.7 x Vcc
-0.2 *
1.6
0.5
0.2
±1
50
40
±1
10
Max
Typ
Min
DC ELECTRICAL CHARACTERISTICS
f= 10MHz
f= 1MHz
-
-
-
-
-
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating
temperature
Storage temperature
V
mW
Conditions
Ta=25
∞C
700
- 65 ~ +150
Ratings
Vcc
VI
VO
Pd
Ta
Tstg
-0.5* ~ +4.6
-0.2* ~ Vcc + 0.2 (max. 4.6V)
0 ~ Vcc
Symbol
Parameter
Units
- 40 ~ +85
0 ~ +70
Standard
I-version
With respect to GND
f= 10MHz
f= 1MHz
5
50
40
10
5
-
(-L, -H)
(-LI, -HI)
With respect to GND
With respect to GND
( Vcc=1.8 ~ 2.7V, unless otherwise noted)
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
Input leakage current
Output leakage current
Active supply current
( AC,MOS level )
( AC,TTL level )
Active supply current
Stand by supply current
( AC,MOS level )
( AC,TTL level )
Stand by supply current
Other inputs= 0 ~ Vcc
Note 1: Direction for current flowing into IC is indicated as positive (no mark)
Note 2: Typical parameter indicates the value for the center of distribution at 2.7V, and not 100% tested.
CAPACITANCE
(Vcc=1.8 ~ 2.7V, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Max
Typ
Min
Units
Input capacitance
Output capacitance
* -3.0V in case of AC (Pulse width
30ns)
BC1 and BC2 0.2V, S1 0.2V, S2 Vcc-0.2V
other inputs
0.2V or
Vcc-0.2V
Output - open (duty 100%)
<
=
<
=
>
=
BC1 and BC2=VIL , S=VIL ,S2=VIH
<
=
other pins =VIH or VIL
Output - open (duty 100%)
BC1 and BC2=VIH or S1=VIH or S2=VIL
* -1.0V in case of AC (Pulse width
30ns)
<
=
<
=
10
°C
°C
µA
8
-HI
~ +70°C
~ +70°C
~ +40°C
0.1
-
-
-
-
-
~ +85°C
~ +85°C
-L, -LI
-H, -HI
~ +25°C
-
-LI
0.2
1
2
-
-
-
-
15
16
30
(1) S1 Vcc - 0.2V,
>
=
other inputs = 0 ~ Vcc
S2
0.2V,
(2)
>
=
other inputs = 0 ~ Vcc
BC1 and BC2 Vcc - 0.2V
S1 0.2V, S2 Vcc - 0.2V
<
=
>
=
(3)
>
=
other inputs = 0 ~ Vcc


Similar Part No. - M5M5W816WG-10L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5W816WG-55HI RENESAS-M5M5W816WG-55HI Datasheet
155Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5W816WG-70HI MITSUBISHI-M5M5W816WG-70HI Datasheet
102Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5W816WG-70HI RENESAS-M5M5W816WG-70HI Datasheet
155Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5W816WG-85HI MITSUBISHI-M5M5W816WG-85HI Datasheet
102Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816WG-85HI MITSUBISHI-M5M5W816WG-85HI Datasheet
102Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5W816WG-10L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5W816WG-85HI MITSUBISHI-M5M5W816WG-85HI Datasheet
102Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816TP-70HI MITSUBISHI-M5M5W816TP-70HI Datasheet
68Kb / 9P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5W816WG RENESAS-M5M5W816WG Datasheet
155Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5Y816WG-70HI MITSUBISHI-M5M5Y816WG-70HI Datasheet
87Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816WG-70HI MITSUBISHI-M5M5W816WG-70HI Datasheet
102Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5W816TP-55HI RENESAS-M5M5W816TP-55HI Datasheet
139Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W817KT-70HI RENESAS-M5M5W817KT-70HI Datasheet
149Kb / 11P
   8388608-BIT (524288-WORD BY 16-BIT / 10485776-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M532R16J-10 MITSUBISHI-M5M532R16J-10 Datasheet
74Kb / 8P
   524288-BIT (32768-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V32R16J-10 MITSUBISHI-M5M5V32R16J-10 Datasheet
74Kb / 8P
   524288-BIT (32768-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V408BFP-85L MITSUBISHI-M5M5V408BFP-85L Datasheet
171Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com