Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230.600P Datasheet(PDF) 1 Page - Littelfuse

Part # 230.600P
Description  Axial Lead and Cartridge Fuses - Subminiature Glass Body
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

230.600P Datasheet(HTML) 1 Page - Littelfuse

  230.600P Datasheet HTML 1Page - Littelfuse 230.600P Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2AG Slo-Blo® Fuse 229P/230P Series
1000
100
10
1
0.1
0.01
0.1
1
10
100
1000
CURRENT IN AMPERES
Average Time Current Curves
The 2AG Slo-Blo® fuses are available in cartridge form or with axial
leads. Axial leaded fuses are board washable. 2AG fuses provide the
same performance characteristics as their 3AG counterpart, while
occupying one-third the space. Sleeved fuses are available.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
135%
1 hour, Maximum
200%
3 seconds, Minimum
20 seconds, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA through 3.5 amperes. Recognized under the
Components Program of Underwriters Laboratories from 4 through 7
amperes. 1 through 7 amperes approved by METI.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
0.25–3.5A
10,000 amperes at 125VAC
4–7A
400 amperes at 125VAC
0.25–1A
35 amperes at 250VAC
1.25–3.5A
100 amperes at 250VAC
PACKAGING OPTIONS: 230P Series available on Tape and Reel per
EIA-296. For 1500 pieces per reel, add packaging suffix DRTIP. See
page 8 for pitch dimensions. 229P and 230P series available in bulk
packaging. For 1000 pieces bulk, add packaging suffix MXP.
229 000P Series
230 000P Series
4.5
(.177")
14.48
(.57")
14.48
(.57")
4.7 (.184")
0.635
(.025")
38.1
(1.50") TYP.
Axial Lead Material: Tin coated copper.
®
UL
®
®
ORDERING INFORMATION:
Cartridge
Axial Lead
Nominal
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Number
Rating
Rating
Cold Ohms
A
2 Sec.
229.250P
230.250P
1/4
250
2.41
0.216
229.350P
230.350P
.350
250
1.30
0.490
229.375P
230.375P
3/8
250
0.580
229.500P
230.500P
1/2
250
0.688
1.16
229.600P
230.600P
6/10
250
0.477
1.75
229.750P
230.750P
3/4
250
0.340
2.95
229.800P
230.800P
8/10
250
0.304
3.45
229 001P
230 001P
1
250
5.64
229 1.25P
230 1.25P
11/4
250
0.145
9.80
229 01.5P
230 01.5P
11/2
250
0.107
15.0
229 002P
230 002P
2
250
0.0692
30.0
229 2.25P
230 2.25P
21/4
250
0.0562
39.0
229 02.5P
230 02.5P
21/2
250
0.0498
50.0
229 003P
230 003P
3
250
0.0380
77.0
229 03.5P
230 03.5P
31/2
250
0.0310
110.0
229 004P
230 004P
4
125
0.0256
148.0
229 005P
230 005P
5
125
0.0185
267.0
229 006P
230 006P
6
125
0.0140
380.0
229 007P
230 007P
7
125
0.0115
464.0
Subminiature Glass Body
Pb
RoHS
PHYSCIALSPECIFICATIONS:
Materials: Glass Body, Nickel-Plated Brass Fuse Caps(Insulating
sleeve option availabel).
SOLDERING PARAMETERS:
Wave solder- 500˚F(260˚C), 3 seconds Max.
Reflow solder- Not recommended
Axial Lead and Cartridge Fuses
399
www .littelfuse .com
11


Similar Part No. - 230.600P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
230.250 LITTELFUSE-230.250 Datasheet
139Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
More results

Similar Description - 230.600P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
229 LITTELFUSE-229 Datasheet
139Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
224 LITTELFUSE-224 Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
313P LITTELFUSE-313P Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
673 LITTELFUSE-673 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
312P LITTELFUSE-312P Datasheet
46Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
672 LITTELFUSE-672 Datasheet
43Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
3AG LITTELFUSE-3AG Datasheet
95Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
263 LITTELFUSE-263 Datasheet
63Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
471 LITTELFUSE-471 Datasheet
49Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
251-253 LITTELFUSE-251-253 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com