Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6228ABRC Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # HX6228ABRC
Description  128K x 8 STATIC RAM-SOI HX6228
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6228ABRC Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button HX6228ABRC Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6228ABRC Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6228ABRC Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6228ABRC Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6228ABRC Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6228ABRC Datasheet HTML 9Page - Honeywell Solid State Electronics Center HX6228ABRC Datasheet HTML 10Page - Honeywell Solid State Electronics Center HX6228ABRC Datasheet HTML 11Page - Honeywell Solid State Electronics Center HX6228ABRC Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HX6228
9
TESTER AC TIMING CHARACTERISTICS
QUALITY AND RADIATIONHARDNESS
ASSURANCE
Honeywell maintains a high level of product integrity through
process control, utilizing statistical process control, a com-
plete “Total Quality Assurance System,” a computer data
base process performance tracking system, and a radia-
tion hardness assurance strategy.
The radiation hardness assurance strategy starts with a
technology that is resistant to the effects of radiation.
Radiation hardness is assured on every wafer by irradiat-
ing test structures as well as SRAM product, and then
monitoring key parameters which are sensitive to ionizing
radiation. Conventional MIL-STD-883 TM 5005 Group E
testing, which includes total dose exposure with Cobalt 60,
may also be performed as required. This Total Quality
approach ensures our customers of a reliable product by
engineering in reliability, starting with process develop-
ment and continuing through product qualification and
screening.
SCREENING LEVELS
Honeywell offers several levels of device screening to
meet your system needs. “Engineering Devices” are avail-
able with limited performance and screening for bread-
boarding and/or evaluation testing. Hi-Rel Level B and S
devices undergo additional screening per the require-
ments of MIL-STD-883. As a QML supplier, Honeywell
also offers QML Class Q and V devices per MIL-PRF-
38535 and are available per the applicable Standard
Microcircuits Drawing (SMD). QML devices offer ease of
procurement by eliminating the need to create detailed
specifications and offer benefits of improved quality and
cost savings through standardization.
RELIABILITY
Honeywell understands the stringent reliability require-
ments that space and defense systems require and has
extensive experience in reliability testing on programs of
this nature. This experience is derived from comprehen-
sive testing of VLSI processes. Reliability attributes of the
RICMOS™ process were characterized by testing spe-
cially designed irradiated and non-irradiated test struc-
tures from which specific failure mechanisms were evalu-
ated. These specific mechanisms included, but were not
limited to, hot carriers, electromigration and time depend-
ent dielectric breakdown. This data was then used to make
changes to the design models and process to ensure more
reliable products.
In addition, the reliability of the RICMOS™ process and
product in a military environment was monitored by testing
irradiated and non-irradiated circuits in accelerated dy-
namic life test conditions. Packages are qualified for prod-
uct use after undergoing Groups B & D testing as outlined
in MIL-STD-883, TM 5005, Class S. The product is quali-
fied by following a screening and testing flow to meet the
customer’s requirements. Quality conformance testing is
performed as an option on all production lots to ensure the
ongoing reliability of the product.
High Z = 2.9V
3 V
0 V
1.5 V
VDD-0.5 V
0.5 V
VDD/2
1.5 V
VDD-0.4V
0.4 V
High Z
3.4 V
2.4 V
High Z
VDD/2
0.4 V
High Z
3.4 V
2.4 V
High Z
TTL I/O Configuration
Input
Levels*
Output
Sense
Levels
CMOS I/O Configuration
High Z = 2.9V
* Input rise and fall times <1 ns/V
VDD-0.4V


Similar Part No. - HX6228ABRC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - HX6228ABRC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com