Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4T1G044QA Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4T1G044QA
Description  1Gb A-die DDR2 SDRAM Specification
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T1G044QA Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4T1G044QA Datasheet HTML 5Page - Samsung semiconductor K4T1G044QA Datasheet HTML 6Page - Samsung semiconductor K4T1G044QA Datasheet HTML 7Page - Samsung semiconductor K4T1G044QA Datasheet HTML 8Page - Samsung semiconductor K4T1G044QA Datasheet HTML 9Page - Samsung semiconductor K4T1G044QA Datasheet HTML 10Page - Samsung semiconductor K4T1G044QA Datasheet HTML 11Page - Samsung semiconductor K4T1G044QA Datasheet HTML 12Page - Samsung semiconductor K4T1G044QA Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Page 9 of 28
Rev. 1.1 Aug. 2005
DDR2 SDRAM
1G A-die DDR2 SDRAM
Input/Output Functional Description
In this data sheet, "differential DQS signals" refers to any of the following with A10 = 0 of EMRS(1)
x4 DQS/DQS
x8 DQS/DQS
if EMRS(1)[A11] = 0
x8 DQS/DQS, RDQS/RDQS,
if EMRS(1)[A11] = 1
x16 LDQS/LDQS and UDQS/UDQS
"single-ended DQS signals" refers to any of the following with A10 = 1 of EMRS(1)
x4 DQS
x8 DQS
if EMRS(1) [A11] = 0
x8 DQS, RDQS,
if EMRS(1) [A11] = 1
x16 LDQS and UDQS
Symbol
Type
Function
CK, CK
Input
Clock: CK and CK are differential clock inputs. All address and control input signals are sampled on the crossing of
the positive edge of CK and negative edge of CK. Output (read) data is referenced to the crossings of CK and CK
(both directions of crossing).
CKE
Input
Clock Enable: CKE HIGH activates, and CKE Low deactivates, internal clock signals and device input buffers and
output drivers. Taking CKE Low provides Precharge Power-Down and Self Refresh operation (all banks idle), or
Active Power-Down (row Active in any bank). CKE is synchronous for power down entry and exit, and for self
refresh entry. CKE is asynchronous for self refresh exit. After VREF has become stable during the power on and ini-
tialization swquence, it must be maintained for proper operation of the CKE receiver. For proper self-refresh entry
and exit, VREF must be maintained to this input. CKE must be maintained high throughout read and write accesses.
Input buffers, excluding CK, CK, ODT and CKE are disabled during power-down. Input buffers, excluding CKE, are
disabled during self refresh.
CS
Input
Chip Select: All commands are masked when CS is registered HIGH. CS provides for external Rank selection on
systems with multiple Ranks. CS is considered part of the command code.
ODT
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to the DDR2 SDRAM. When
enabled, ODT is only applied to each DQ, DQS, DQS, RDQS, RDQS, and DM signal for x4/x8 configurations. For
x16 configuration, ODT is applied to each DQ, UDQS/UDQS, LDQS/LDQS, UDM, and LDM signal. The ODT pin
will be ignored if the Extended Mode Register Set(EMRS) is programmed to disable ODT.
RAS, CAS, WE
Input
Command Inputs: RAS, CAS and WE (along with CS) define the command being entered.
DM
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when DM is sampled HIGH coin-
cident with that input data during a Write access. DM is sampled on both edges of DQS. Although DM pins are input
only, the DM loading matches the DQ and DQS loading. For x8 device, the function of DM or RDQS/RDQS is
enabled by EMRS command.
BA0 - BA2
Input
Bank Address Inputs: BA0, BA1 and BA2 define to which bank an Active, Read, Write or Precharge command is
being applied. Bank address also determines if the mode register or extended mode register is to be accessed dur-
ing a MRS or EMRS cycle.
A0 - A13
Input
Address Inputs: Provided the row address for Active commands and the column address and Auto Precharge bit
for Read/Write commands to select one location out of the memory array in the respective bank. A10 is sampled
during a Precharge command to determine whether the Precharge applies to one bank (A10 LOW) or all banks
(A10 HIGH). If only one bank is to be precharged, the bank is selected by BA0, BA1 and BA2. The address inputs
also provide the op-code during Mode Register Set commands.
DQ
Input/Output Data Input/ Output: Bi-directional data bus.
DQS, (DQS)
(LDQS), (LDQS)
(UDQS), (UDQS)
(RDQS), (RDQS)
Input/Output
Data Strobe: Output with read data, input with write data. Edge-aligned with read data, centered in write data. For
the x16, LDQS corresponds to the data on DQ0-DQ7; UDQS corresponds to the data on DQ8-DQ15. For the x8, an
RDQS option using DM pin can be enabled via the EMRS(1) to simplify read timing. The data strobes DQS, LDQS,
UDQS, and RDQS may be used in single ended mode or paired with optional complementary signals DQS, LDQS,
UDQS, and RDQS to provide differential pair signaling to the system during both reads and writes. An EMRS(1)
control bit enables or disables all complementary data strobe signals.
NC
No Connect: No internal electrical connection is present.
VDD/VDDQ
Supply
Power Supply: 1.8V +/- 0.1V, DQ Power Supply: 1.8V +/- 0.1V
VSS/VSSQ
Supply
Ground, DQ Ground
VDDL
Supply
DLL Power Supply: 1.8V +/- 0.1V
VSSDL
Supply
DLL Ground
VREF
Supply
Reference voltage


Similar Part No. - K4T1G044QA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G044QC SAMSUNG-K4T1G044QC Datasheet
485Kb / 26P
   1Gb C-die DDR2 SDRAM Specification
K4T1G044QE SAMSUNG-K4T1G044QE Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
K4T1G044QE-HCLE6 SAMSUNG-K4T1G044QE-HCLE6 Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
K4T1G044QE-HCLE7 SAMSUNG-K4T1G044QE-HCLE7 Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
K4T1G044QE-HCLF7 SAMSUNG-K4T1G044QE-HCLF7 Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
More results

Similar Description - K4T1G044QA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G044QQ SAMSUNG-K4T1G044QQ Datasheet
886Kb / 44P
   1Gb Q-die DDR2 SDRAM Specification
K4T1G044QM SAMSUNG-K4T1G044QM Datasheet
457Kb / 29P
   1Gb M-die DDR2 SDRAM Specification
K4T1G084QD SAMSUNG-K4T1G084QD Datasheet
587Kb / 27P
   1Gb D-die DDR2 SDRAM Specification
K4T1G044QC SAMSUNG-K4T1G044QC Datasheet
485Kb / 26P
   1Gb C-die DDR2 SDRAM Specification
K4H1G0438A SAMSUNG-K4H1G0438A Datasheet
366Kb / 24P
   1Gb A-die SDRAM Specification
K4T1G044QF SAMSUNG-K4T1G044QF Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
K4T1G084QF-BCE6000 SAMSUNG-K4T1G084QF-BCE6000 Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
K4T1G044QE SAMSUNG-K4T1G044QE Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com