Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

229006 Datasheet(PDF) 1 Page - Littelfuse

Part # 229006
Description  Axial Lead and Cartridge Fuses - Subminiature Glass Body
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

229006 Datasheet(HTML) 1 Page - Littelfuse

  229006 Datasheet HTML 1Page - Littelfuse 229006 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature Glass Body
Axial Lead and Cartridge Fuses
2AG Slo-Blo® Fuse 229/230/290/291 Series
288
www .littelfuse .com
The 2AG Slo-Blo® fuses are available in cartridge form or with axial
leads. Axial leaded fuses are board washable. 2AG fuses provide the
same performance characteristics as their 3AG counterpart, while
occupying one-third the space. Sleeved fuses are available.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
110%
4 hours, Minimum
135%
1 hour, Maximum
200%
3 seconds, Minimum
20 seconds, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA through 3.5 amperes. Recognized under the
Components Program of Underwriters Laboratories from 4 through 7
amperes. 229 004 and 229 005 approved by MITI. 230 001 through 230
005 approved by METI.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
FUSES TO MIL SPEC: 229 and 230 Series are available to DSCC
Drawing #87108. To order, change 229 to 290 or 230 to 291.
INTERRUPTING RATINGS:
0.25–3.5A
10,000 amperes at 125VAC
4–7A
400 amperes at 125VAC
0.25–1A
35 amperes at 250VAC
1.25–3.5A
100 amperes at 250VAC
OPTIONS: 230 Series available on tape and reel.
PACKAGING SPECIFICATIONS: Tape and Reel per EIA-296; T1:
52.4mm (2.062") taped spacing; For 1,500 per reel, 10mm (.40") spac-
ing, add packaging suffix, DRT1. For 2,500 per reel, 5mm (.20") spacing,
add packaging suffix, ERT1.
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz, 0.06 inches
total excursion).
Salt Spray: MIL-STD-202 Method 101, Test Condition B (48 hours).
Insulation Resistance (After Opening): MIL-STD-202, Method 302,
Test Condition B.
Resistance to Soldering Heat: (Axial Leaded Fuses):
MIL-STD-202, Method 210A, Test Condition B (260°C, 3 Seconds).
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65°C to 125°C).
Moisture Resistance: MIL-STD-202, Method 106
(90-98% RH, 65°C).
PEAK WITHSTAND CURRENT (lp): These fuses will withstand 50
repetitions of a double exponential impulse wave having peak currents
(lp) and peak voltages as listed.
PHYSICAL SPECIFICATIONS:
Materials: Glass Body, Nickel-Plated Brass Fuse Caps.
(Insulating sleeve option available).
Soldering parameters:
Wave solder — 500°F (260°C), 3 seconds Max.
Reflow solder — Not recommended.
Solderability: (Axial Leaded Fuses): MIL-STD-202,
Method 208.
PACKAGING SPECIFICATIONS: Tape and Reel pitch per
EIA-296; T1: 52.4mm (2.062") taped spacing; For 1,500 per reel, add
packaging suffix, DRT1. For 2,500 per reel, 5mm (.20") add packaging
pitch suffix, ERT1. Insulating sleeve option available.
229 000 Series
230 000 Series
4.5
(.177")
14.48
(.57")
14.48
(.57")
4.5 (.177")
0.635
(.025")
38.1
(1.50") TYP.
Axial Lead Material: Solder coated copper.
The 2AG Indicating Slo-Blo® fuse instantly identifies itself upon
opening by showing a discoloration of its glass body. Guesswork
and time consuming circuit testing are eliminated. This unique
design offers the same quality performance characteristics as
the standard 2AG fuse design.
* When ordering the 2AG Indicating Slo-Blo Fuse, an ‘S’ is
required after the catalog number.
Example:
-1A Indicating Slo-Blo® Fuse = 230 001S
2AG Indicating Slo-Blo® Type Fuse
NOTE: LF logo, series number, amperage rating, voltage rating, and UL and CSA logos are
stamped on the fuse caps.
MIL
®
UL
®
®
Next
Previous


Similar Part No. - 229006

ManufacturerPart #DatasheetDescription
logo
Littelfuse
229006 LITTELFUSE-229006 Datasheet
136Kb / 2P
   2AG Slo-Blo Fuse
logo
Qualtek Electronics Cor...
229006-01 QUALTEK-229006-01 Datasheet
163Kb / 1P
   POWER CORD
logo
Littelfuse
229006P LITTELFUSE-229006P Datasheet
118Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
229006P LITTELFUSE-229006P Datasheet
117Kb / 2P
   2AG Slo-Blo Fuse
More results

Similar Description - 229006

ManufacturerPart #DatasheetDescription
logo
Littelfuse
229P LITTELFUSE-229P Datasheet
118Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
224 LITTELFUSE-224 Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
313P LITTELFUSE-313P Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
673 LITTELFUSE-673 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
312P LITTELFUSE-312P Datasheet
46Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
672 LITTELFUSE-672 Datasheet
43Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
3AG LITTELFUSE-3AG Datasheet
95Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
263 LITTELFUSE-263 Datasheet
63Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
471 LITTELFUSE-471 Datasheet
49Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
251-253 LITTELFUSE-251-253 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com