Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22903.5 Datasheet(PDF) 2 Page - Littelfuse

Part # 22903.5
Description  Axial Lead and Cartridge Fuses - Subminiature Glass Body
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

22903.5 Datasheet(HTML) 2 Page - Littelfuse

  22903.5 Datasheet HTML 1Page - Littelfuse 22903.5 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Subminiature Glass Body
Axial Lead and Cartridge Fuses
2AG Slo-Blo® Type
289
www .littelfuse .com
8
2AG Surge Withstand Fuse combines conventional overcurrent
protection with the ability to withstand high current, short duration pulses.
These fuses comply with the short circuit requirements of UL 1459 for
telephone equipment. Insulating Sleeve Option available.
ELECTRICAL CHARACTERISTICS:
Short Circuit Capabilities:
UL 60950 (UL 1459 Included):
60A,
600VAC
40A,
600VAC
7A,
600VAC
2.2A,
600VAC
• Meets UL 497 Specifications
% of Ampere
Opening
Rating
Time
110%
4 hours, Minimum
135%
1 hour, Maximum
200%
3 seconds, Minimum; 20 seconds, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
1/4–11/4A
10,000 amperes at 125VAC
1/4–1A
35 amperes at 250VAC
11/4A
100 amperes at 250VAC
10 x 160
10 x 560
10 x 1000
Amperage
microsec.
microsec.
microsec.
Rating
1500V
800V
1000V
1/4
23.0A
16.6A
12.4A
35/100
34.0A
25.8A
19.3A
3/8
40.0A
25.4A
19.0A
1/2
60.0A
37.7A
28.2A
6/10
71.0A
47.2A
35.3A
3/4
91.0A
65.5A
49.0A
8/10
104.0A
68.9A
51.6A
1
130.0A
88.6A
66.3A
11/41
162.0A
118.1A
100.0A
1 500A peak, 2500V, 2 x 10 microseconds, 20 repetitions.
®
UL
®
1000
100
10
1
0.1
0.01
0.1
1
10
100
1000
CURRENT IN AMPERES
2AG Special Surge Withstand
Slo-Blo® Type
AXIAL LEAD PART NUMBER: 220 003 (0.35A)
ELECTRICAL CHARACTERISTICS:
Amperes
Opening Time
0.35A
4 hours, Minimum
0.6A
90 seconds, Maximum
2.0A
2 seconds, Maximum
6.0A
0.5 second, Maximum
INTERRUPTING RATINGS: Same as 230 Series.
LIGHTNING SURGE WITHSTAND CAPABILITY: 25 amperes
peak, 800V, 10 x 560 microseconds.
PATENTED
Average Time Current Curves
®
UL
®
2AG Surge Withstand Specifications
PATENTED
ORDERING INFORMATION:
Cartridge
Axial Lead
Nominal
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Number
Rating
Rating
Cold Ohms
A2 Sec.
229.250
230.250
1/4
250
2.41
0.216
229.350
230.350
.350
250
1.30
0.490
229.375
230.375
3/8
250
1.16
0.580
229.500
230.500
1/2
250
0.688
1.16
229.600
230.600
6/10
250
0.477
1.75
229.750
230.750
3/4
250
0.340
2.95
229.800
230.800
8/10
250
0.304
3.45
229 001
230 001
1
250
0.210
5.64
229 1.25
230 1.25
11/4
250
0.145
9.80
229 01.5
230 01.5
11/2
250
0.107
15.0
229 002
230 002
2
250
0.0692
30.0
229 2.25
230 2.25
21/4
250
0.0562
39.0
229 02.5
230 02.5
21/2
250
0.0498
50.0
229 003
230 003
3
250
0.0380
77.0
229 03.5
230 03.5
31/2
250
0.0310
110.0
229 004
230 004
4
125
0.0256
148.0
229 005
230 005
5
125
0.0185
267.0
229 006
230 006
6
125
0.0140
380.0
229 007
230 007
7
125
0.0115
464.0
Next
Previous


Similar Part No. - 22903.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
22903.5P LITTELFUSE-22903.5P Datasheet
118Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
More results

Similar Description - 22903.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
229P LITTELFUSE-229P Datasheet
118Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
224 LITTELFUSE-224 Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
313P LITTELFUSE-313P Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
673 LITTELFUSE-673 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
312P LITTELFUSE-312P Datasheet
46Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
672 LITTELFUSE-672 Datasheet
43Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
3AG LITTELFUSE-3AG Datasheet
95Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
263 LITTELFUSE-263 Datasheet
63Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
471 LITTELFUSE-471 Datasheet
49Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
251-253 LITTELFUSE-251-253 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com