Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

216.160 Datasheet(PDF) 1 Page - Littelfuse

Part # 216.160
Description  Axial Lead and Cartridge Fuses - Designed to IEC Standard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

216.160 Datasheet(HTML) 1 Page - Littelfuse

  216.160 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Designed to IEC Standard
Axial Lead and Cartridge Fuses
5 x 20 mm Fast-Acting Fuse 216/226 Series
296
www .littelfuse .com
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 1 specification for Fast Acting Fuses.
• Available in Cartridge and Axial Lead Form.
• Available in ratings of 0.050 to 10 amperes.
• High breaking capacity.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.05 – 3.15
60 minutes, Minimum
4– 6.3
60 minutes, Minimum
210%
.05 – 3.15
30 minutes, Maximum
4– 6.3
30 minutes, Maximum
275%
.05 – 3.15
0.01 sec., Min.; 2 sec. Max.
4– 6.3
0.01 sec., Min.; 3 sec. Max.
400%
.05 – 3.15
.003 sec., Min.; 0.3 sec. Max.
4– 6.3
.003 sec., Min.; 0.3 sec. Max.
1000%
.05 – 3.15
.02 seconds, Maximum
4– 6.3
.02 seconds, Maximum
AGENCY APPROVALS: Sheet I IEC 60127-2:* SEMKO approved
thru 6.3 amps. Recognized under the Components Program of
Underwriters Laboratories and recognized by CSA. BSI approved 1A to
6.3A. VDE approved .05-6.3.
INTERRUPTING RATING: 1500 amperes.
ORDERING INFORMATION:
216 000 XE
216 000 Series
226 000 Series
5
(.197")
5.25
(.207")
40
(1.58")
.635
(.025")
20
(.787")
22.5 MAX
(.886)
500
100
10
1
0.1
0.05
0.001
0.01
0.1
1
10
100
CURRENT IN AMPERES
Average Time Current Curves
Cartridge
Axial Lead
Nominal
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Number
Rating
Rating
Cold Ohms
A2 Sec.
216.050
226.050
.050
250
15.90
0.00019
216.063
226.063
.063
250
10.45
0.00055
216.080
226.080
.080
250
7.89
0.00086
216.100
226.100
.100
250
5.42
0.0033
216.125
226.125
.125
250
3.68
0.0056
216.160
226.160
.160
250
5.20
0.0018
216.200
226.200
.200
250
3.35
0.0045
216.250
226.250
.250
250
2.35
0.0092
216.315
226.315
.315
250
1.85
0.015
216.400
226.400
.400
250
1.67
0.028
216.500
226.500
.500
250
1.20
0.045
216.630
226.630
.630
250
0.790
0.097
216.800
226.800
.800
250
0.588
0.18
216 001
226 001
1
250
0.228
0.19
216 1.25
226 1.25
1.25
250
0.153
0.49
216 01.6
226 01.6
1.6
250
0.108
1.04
216 002
226 002
2
250
0.0770
1.92
216 02.5
226 02.5
2.5
250
0.0575
2.77
216 3.15
226 3.15
3.15
250
0.0333
7.85
216 004
226 004
4
250
0.0243
15.4
216 005
226 005
5
250
0.0168
28.2
216 06.3
226 06.3
6.3
250
0.0125
57.9
216 008
226 008
8*
250
0.0120
66.1
216 010
226 010
10*
250
0.00775
158.5
*IEC Standards for 5 x 20mm fuses do not include ratings above
6.3 amperes, but are under consideration.
®
®
V
DE
1
1
226 Series is used for North American ordering.
Next
Previous


Similar Part No. - 216.160

ManufacturerPart #DatasheetDescription
logo
Littelfuse
216.160 LITTELFUSE-216.160 Datasheet
128Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
216.160P LITTELFUSE-216.160P Datasheet
218Kb / 2P
   Designed to International Standards for use globally
More results

Similar Description - 216.160

ManufacturerPart #DatasheetDescription
logo
Littelfuse
227 LITTELFUSE-227 Datasheet
96Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
215.200 LITTELFUSE-215.200 Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
0219.125A LITTELFUSE-0219.125A Datasheet
130Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
216.050 LITTELFUSE-216.050 Datasheet
128Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
217.032 LITTELFUSE-217.032 Datasheet
133Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
218.032 LITTELFUSE-218.032 Datasheet
234Kb / 4P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
232 LITTELFUSE-232 Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
239 LITTELFUSE-239 Datasheet
162Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com