Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7231U28 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU7231U28
Description  High Precision C-MOS 3-Terminal Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7231U28 Datasheet(HTML) 3 Page - New Japan Radio

  NJU7231U28 Datasheet HTML 1Page - New Japan Radio NJU7231U28 Datasheet HTML 2Page - New Japan Radio NJU7231U28 Datasheet HTML 3Page - New Japan Radio NJU7231U28 Datasheet HTML 4Page - New Japan Radio NJU7231U28 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NJU7231
+2.5V Version
(CIN=CO=0.1uF, Ta=25
°C)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
CIRCUIT
Output Voltage
VOUT
VIN=4.5V, IOUT=10mA
2.45
2.50
2.55
V
1
Dropout Voltage
VIO
IOUT=20mA
-
0.2
0.6
V
1
Input Voltage
VIN
-
-
15
V
2
Operating Current
IQ
VIN=4.5V
-
10
20
uA
2
Load Regulation
VOUT/IOUT
VIN=4.5V, IOUT=1~20mA
-
15
180
mV
3
Line Regulation
VOUT/(VIN·VOUT) VIN=3.5~12.0V
-
0.1
-
%/V
3
+2.6V Version
(CIN=CO=0.1uF, Ta=25
°C)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
CIRCUIT
Output Voltage
VOUT
VIN=4.6V, IOUT=10mA
2.548
2.600
2.652
V
1
Dropout Voltage
VIO
IOUT=20mA
-
0.2
0.6
V
1
Input Voltage
VIN
-
-
15
V
2
Operating Current
IQ
VIN=4.6V
-
10
20
uA
2
Load Regulation
VOUT/IOUT
VIN=4.6V, IOUT=1~20mA
-
15
180
mV
3
Line Regulation
VOUT/(VIN·VOUT) VIN=3.6~12.0V
-
0.1
-
%/V
3
+2.7V Version
(CIN=CO=0.1uF, Ta=25
°C)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
CIRCUIT
Output Voltage
VOUT
VIN=4.7V, IOUT=10mA
2.646
2.70
2.754
V
1
Dropout Voltage
VIO
IOUT=20mA
-
0.2
0.6
V
1
Input Voltage
VIN
-
-
15
V
2
Operating Current
IQ
VIN=4.7V
-
10
20
uA
2
Load Regulation
VOUT/IOUT
VIN=4.7V, IOUT=1~20mA
-
15
180
mV
3
Line Regulation
VOUT/(VIN·VOUT) VIN=3.7~12.0V
-
0.1
-
%/V
3
+2.8V Version
(CIN=CO=0.1uF, Ta=25
°C)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
CIRCUIT
Output Voltage
VOUT
VIN=4.8V, IOUT=10mA
2.744
2.800
2.856
V
1
Dropout Voltage
VIO
IOUT=20mA
-
0.2
0.6
V
1
Input Voltage
VIN
-
-
15
V
2
Operating Current
IQ
VIN=4.8V
-
10
20
uA
2
Load Regulation
VOUT/IOUT
VIN=4.8V, IOUT=1~20mA
-
15
180
mV
3
Line Regulation
VOUT/(VIN·VOUT) VIN=3.8~12.0V
-
0.1
-
%/V
3
+2.9V Version
(CIN=CO=0.1uF, Ta=25
°C)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
CIRCUIT
Output Voltage
VOUT
VIN=4.9V, IOUT=10mA
2.842
2.900
2.958
V
1
Dropout Voltage
VIO
IOUT=20mA
-
0.2
0.6
V
1
Input Voltage
VIN
-
-
15
V
2
Operating Current
IQ
VIN=4.9V
-
10
20
uA
2
Load Regulation
VOUT/IOUT
VIN=4.9V, IOUT=1~20mA
-
15
180
mV
3
Line Regulation
VOUT/(VIN·VOUT) VIN=3.9~12.0V
-
0.1
-
%/V
3


Similar Part No. - NJU7231U28

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU72340A NJRC-NJU72340A Datasheet
171Kb / 14P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJU72343 NJRC-NJU72343 Datasheet
479Kb / 16P
   8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
NJU72343V NJRC-NJU72343V Datasheet
479Kb / 16P
   8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
More results

Similar Description - NJU7231U28

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7221 NJRC-NJU7221 Datasheet
180Kb / 5P
   HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJU7222 ETC1-NJU7222 Datasheet
87Kb / 2P
   HIGH PRECISION AND HIGH OUTPUT CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
logo
New Japan Radio
NJU7222 NJRC-NJU7222 Datasheet
118Kb / 2P
   HIGH PRECISION AND HIGH OUTPUT CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
Ver.2007-02-14
NJU7211 NJRC-NJU7211 Datasheet
199Kb / 4P
   C MOS 3 TERMINAL NEGATIVE VOLTAGE REGULATOR
NJU7201 NJRC-NJU7201 Datasheet
205Kb / 6P
   C-MOS 3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJU7202 NJRC-NJU7202 Datasheet
87Kb / 2P
   HIGH OUTPUT CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
NJU7200 NJRC-NJU7200 Datasheet
193Kb / 7P
   SUPER LOW OPERATING CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
NJU7241 NJRC-NJU7241 Datasheet
98Kb / 8P
   High-Precision LDO 60mA C-MOS Voltage Regulator with Standby
logo
Dongguan Pingjingsemi T...
PJ78L12SQ-L PJSEMI-PJ78L12SQ-L Datasheet
791Kb / 4P
   3-Terminal Voltage Regulator
PJ78M05TE PJSEMI-PJ78M05TE Datasheet
906Kb / 4P
   3-Terminal Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com