Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

202005 Datasheet(PDF) 1 Page - Littelfuse

Part # 202005
Description  FLAT-PAK Fast Acting Fuse202 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

202005 Datasheet(HTML) 1 Page - Littelfuse

  202005 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
384
Surface Mount Fuses
www .littelfuse .com
• For new designs please use the 464 Series, NANO250V UMF Fuse.
Fast-Acting and Slo-Blo® Fuse versions of the Flat-Pak® Fuse designs
are available. Both designs are available in either a gull-wing surface
mount package or a DIP configuration for through-hole mounting.
These fuse designs feature a 250 VAC rating in a low profile,
rectangular package.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
2 seconds, Maximum
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATING:
50 amperes at 250 VAC.
ENVIRONMENTAL SPECIFICATION:
Operating Temperature: –55°C to 125°C.
PHYSICAL SPECIFICATIONS:
Materials: Body: Thermoplastic
Terminations: Tin/Lead Plated Copper
Soldering Parameters:
Wave Solder — 260°C, 3 seconds maximum.
Reflow Solder — 215°C, 30 seconds maximum.
Solderability: MIL-STD-202, Method 208.
Cleaning: Board washable in most common solvents.
PACKAGING SPECIFICATIONS:
SMF Fuses — 24mm Tape and Reel per EIA-RS481-2
(IEC 286, part 3); 500 per reel.
DIP Fuses — Antistatic magazine, 100 per magazine.
PATENTED
Subminiature Surface Mount & Dip Types
FLAT-PAK
® Fast Acting Fuse 202 Series
ORDERING INFORMATION
Nominal
Nominal
Catalog
Catalog
1
Ampere
Voltage
Resistance
Melting I
2t
Number
Number
Rating
Rating
Cold Ohms
A
2 Sec.
202.062
202.062G
1/16
250
7.90
0.000220
202.125
202.125G
1/8
250
2.45
0.00180
202.250
202.250G
1/4
250
0.880
0.0147
202.500
202.500G
1/2
250
0.298
0.0363
202.750
202.750G
3/4
250
0.166
0.0980
202 001
202 001G
1
250
0.119
0.192
202 01.5
202 01.5G
11/2
250
0.0701
0.540
202 002
202 002G
2
250
0.0469
1.07
202 02.5
202 02.5G
21/2
250
0.0455
1.76
202 003
202 003G
3
250
0.0327
1.71
202 004
202 004G
4
250
0.0244
3.00
202 005
202 005G
5
250
0.0174
4.68
1 SMF fuse marking includes the letter “G” next to the series number indicating “Gull-Wing”.
9.45
(.372")
6.35
(.250")
4.19
(.165")
0.53
(.021")
10.16
(.400")
.135"
0.30 (.012")
6
o
202 FLAT- PAK
LF
F 2A
250 V
PAT 4563666
DIP Configuration
(Thru-Hole) Mounting
9.45
(.372")
6.35
(.250")
4.19
(.165")
202GFLAT- PAK
LF
F 2A
250 V
PAT 4563666
SMF Configuration
("Gull Wing" Surface Mount)
1.52
(.060")
0.08 (.003")
1.40 (.055")
15.24 (.600")
17.12 (.674)
4.06 (.160)
11.53 (.454)
2.79 (.110)
Recommended Pad Layout
Reference Dimensions:
100
10
0.1
0.01
0.001
1000
100
10
1
0.1
0.05
CURRENT IN AMPERES
1
Average Time Current Curves
®
®


Similar Part No. - 202005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
202005 LITTELFUSE-202005 Datasheet
46Kb / 1P
   Surface Mount Fuses Subminiature Surface Mount & Dip Types
More results

Similar Description - 202005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0202.062H LITTELFUSE-0202.062H Datasheet
162Kb / 3P
   Surface Mount Fuses FLAT-PAK짰 Fast-Acting Fuse > 202 Series
logo
Bourns Electronic Solut...
2011 BOURNS-2011 Datasheet
187Kb / 4P
   2011 Series - Fast Acting GDT Surge Arrestor with FLAT® Technology
REV. B - 12/18
logo
Bel Fuse Inc.
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0ADEC BEL-0ADEC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0AKH BEL-0AKH Datasheet
520Kb / 3P
   Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
logo
Littelfuse
JLLN LITTELFUSE-JLLN_18 Datasheet
893Kb / 9P
   Fast-Acting
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
logo
Vishay Siliconix
FP200 VISHAY-FP200 Datasheet
99Kb / 2P
   Hermetic Flat-Pak Resistor Networks
Revision 18-Nov-02
FP201 VISHAY-FP201 Datasheet
223Kb / 3P
   Hermetic Flat-Pak Resistor Networks
Revision: 05-Mar-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com