Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0213.400 Datasheet(PDF) 1 Page - Littelfuse

Part # 0213.400
Description  Axial Lead and Cartridge Fuses - Designed to IEC Standard
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0213.400 Datasheet(HTML) 1 Page - Littelfuse

  0213.400 Datasheet HTML 1Page - Littelfuse 0213.400 Datasheet HTML 2Page - Littelfuse 0213.400 Datasheet HTML 3Page - Littelfuse 0213.400 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Axial Lead and Cartridge Fuses
411
www .littelfuse .com
Designed to IEC Standard
5 x 20 mm Time Lag Fuse (Slo-Blo®) Fuse 213 Series
®
®
RoHS
Pb
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 3 specification for Time Lag Fuses.
• Available in Cartridge and Axial Lead Form.
• Available in ratings of 0.200 to 6.3 amperes.
RoHS compliant and Lead-Free version available, add XP suffix to
standard catalog number
ELECTRICAL CHARACTERISTICS (213 Series):
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.032 – 6.3
60 minutes, Minimum
8 - 15
30 minutes, Minimum
210%
.032 – 15
2 minutes, Maximum
275%
.032 – .100
0.2 sec., Min.; 10 sec. Max.
.125 – 15
0.6 sec., Min.; 10 sec. Max.
400%
.032 – .100
.04 sec., Min.; 3 sec. Max.
.125 – 15
.15 sec., Min.; 3 sec. Max.
1000%
.032 – .100
.01 sec., Min.; 0.3 sec. Max.
.125 – 15
0.02 sec., Min.; 0.3 sec. Max.
INTERRUPTING RATINGS: 35 amperes or 10 x rated current;
(whichever is greater) to a maximum 100A @ 250 VAC, unity power factor.
ORDERING INFORMATION:
RoHS compliant and Lead-Free version available, add XP suffix to
standard catalog number
213 Surge Withstand
Cartridge
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting
Number
Rating
Rating
Cold Ohms
I2t A2Sec.
0213.200
.200
250
1.60
0.350
0213.250
.250
250
1.05
0.555
0213.315
.315
250
0.848
1.14
0213.400
.400
250
0.535
1.35
0213.500
.500
250
0.370
2.90
0213.630
.630
250
0.275
4.80
0213.800
.800
250
0.165
9.42
0213 001
1
250
0.117
19.20
0213 1.25
1.25
250
0.081
27.15
0213 01.6
1.6
250
0.055
44.2
0213 002.
2
250
0.044
92.7
0213 02.5
2.5
250
0.030
138.0
0213 3.15
3.15
250
0.022
226.5
0213 004
4
250
0.017
202
0213 005.
5
250
0.011
314
0213 06.3
6.3
250
0.008
600
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Glass
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (v=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
11


Similar Part No. - 0213.400

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0213.400MXE- LITTELFUSE-0213.400MXE- Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0213.400MXEP LITTELFUSE-0213.400MXEP Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0213.400MXP LITTELFUSE-0213.400MXP Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
More results

Similar Description - 0213.400

ManufacturerPart #DatasheetDescription
logo
Littelfuse
226 LITTELFUSE-226 Datasheet
90Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
227 LITTELFUSE-227 Datasheet
96Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
215.200 LITTELFUSE-215.200 Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
0219.125A LITTELFUSE-0219.125A Datasheet
130Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
216.050 LITTELFUSE-216.050 Datasheet
128Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
217.032 LITTELFUSE-217.032 Datasheet
133Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
232 LITTELFUSE-232 Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
239 LITTELFUSE-239 Datasheet
162Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com