Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP200CA Datasheet(PDF) 1 Page - Littelfuse

Part # 5KP200CA
Description  Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5KP200CA Datasheet(HTML) 1 Page - Littelfuse

  5KP200CA Datasheet HTML 1Page - Littelfuse 5KP200CA Datasheet HTML 2Page - Littelfuse 5KP200CA Datasheet HTML 3Page - Littelfuse 5KP200CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Avalanche Diodes
298
www .littelfuse .com
FEATURES
RoHS Compliant
5.0 to 220 Volts
Glass passivated chip junction
Uni-directional and Bi-directional
5000W Peak Pulse Power capability on 10/1000µs waveform
Excellent clamping capability
Repetition rate (duty cycle): 0.05%
Low incremental surge resistance
Fast response time: typically less than 1.0ps
from 0 Volts to BV
Typical IR less than 1µA for VBR>=10V
High temperature soldering guaranteed: 265˚C/10
seconds/.375"(9.5mm) lead length, 5lbs., (2.3kg) tension
Agency Approvals: Recognized under the Components
Program of Underwriters Laboratories.
Agency File Number: E128662
5KP
C A
Voltage
Bi-Directional
5% Voltage Tolerance
Packaging Option
B = Bulk (500 pcs)
T = Tape and reeled (800 pcs)
ORDERING INFORMATION
5KP Series
5000 Watt Axial Leaded Transient Voltage Suppressor
®
MAXIMUM RATINGS AND CHARACTERISTICS @25˚C
AMBIENT TEMPERATURE (unless otherwise noted)
UNIT
Watts
Amps
Watts
Amps
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above
TA= 25˚C per Fig.2
2. Mounted on Copper Pad area of 0.8x0.8"(20x20mm)
per Fig.5.
3. 8.3 ms single half sine-wave, or equivalent square wave,
Duty cycle= 4 pulses per minutes maximum.
SYMBOL
PPPM
IPPM
PM(AV)
IFSM
Tj, TSTG
VALUE
Min
5000
SEE
TABLE 1
8
400
-55 to +175
RATING
Peak Pulse Power Dissipation on
10/1000µs waveform(Note 1, FIG. 1)
Peak Pulse Current of on 10/1000µs
waveform (Note 1, FIG. 3)
Steady State Power Dissipation at
TL=75˚C, Lead lengths .375",
(9.5mm)(Note 2)
Peak Forward Surge Current, 8.3ms
Single Half Sine-Wave Superimposed
on Rated Load, (JEDEC Method)
(Note 3)
Operating junction and Storage
Temperature Range
The 5KP Series is designed specifically to protect sensitive
electronics equipment from voltage transients induced by
lightning and othertransient voltage events. These devices are
ideal for the protection of I/O interfaces, Vcc bus and other
vulnerable circuits used in automotive, industrial and consumer
electronic applications.
Mechanical Specifications:
Weight:
0.07 ounce, 2.1 gram
Case:
Molded plastic over glass
passivated junction
Mounting Position:
Any
Polarity:
Color band denotes positive end
(cathode) except Bipolar
Terminal:
Plated Axial leads, solderable per
MIL-STD-750, Method 2026
RoHS


Similar Part No. - 5KP200CA

ManufacturerPart #DatasheetDescription
logo
Formosa MS
5KP200CA FORMOSA-5KP200CA Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP200CA LEIDITECH-5KP200CA Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
5KP200CA LUGUANG-5KP200CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP200CA LUGUANG-5KP200CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Won-Top Electronics
5KP200CA WTE-5KP200CA Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP200CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
SA5.0A LITTELFUSE-SA5.0A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com