Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4316D Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74HC4316D
Description  Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4316D Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74HC4316D Datasheet HTML 2Page - ON Semiconductor MC74HC4316D Datasheet HTML 3Page - ON Semiconductor MC74HC4316D Datasheet HTML 4Page - ON Semiconductor MC74HC4316D Datasheet HTML 5Page - ON Semiconductor MC74HC4316D Datasheet HTML 6Page - ON Semiconductor MC74HC4316D Datasheet HTML 7Page - ON Semiconductor MC74HC4316D Datasheet HTML 8Page - ON Semiconductor MC74HC4316D Datasheet HTML 9Page - ON Semiconductor MC74HC4316D Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC74HC4316
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
8
0
– 10
– 20
– 30
– 40
– 50
– 100
1.0
2.0
FREQUENCY (kHz)
– 60
– 70
– 80
– 90
FUNDAMENTAL FREQUENCY
DEVICE
SOURCE
Figure 15. Plot, Harmonic Distortion
3.0
APPLICATION INFORMATION
The Enable and Control pins should be at VCC or GND
logic levels, VCC being recognized as logic high and GND
being recognized as a logic low. Unused analog inputs/out-
puts may be left floating (not connected). However, it is ad-
visable to tie unused analog inputs and outputs to VCC or
VEE through a low value resistor. This minimizes crosstalk
and feedthrough noise that may be picked up by the unused
I/O pins.
The maximum analog voltage swings are determined by
the supply voltages VCC and VEE. The positive peak analog
voltage should not exceed VCC. Similarly, the negative peak
analog voltage should not go below VEE. In the example
below, the difference between VCC and VEE is twelve volts.
Therefore, using the configuration in Figure 16, a maximum
analog signal of twelve volts peak–to–peak can be con-
trolled.
When voltage transients above VCC and/or below VEE are
anticipated on the analog channels, external diodes (Dx) are
recommended as shown in Figure 17. These diodes should
be small signal, fast turn–on types able to absorb the maxi-
mum anticipated current surges during clipping. An alternate
method would be to replace the Dx diodes with MO
sorbs
(Motorola high current surge protectors). MO
sorbs are fast
turn–on devices ideally suited for precise dc protection with
no inherent wear out mechanism.
ANALOG O/I
ON
16
VCC = 6 V
ANALOG I/O
+ 6 V
– 6 V
+ 6 V
– 6 V
ENABLE CONTROL
INPUTS
(VCC OR GND)
ON
16
VCC
Dx
Dx
VCC
Dx
Figure 16.
Figure 17. Transient Suppressor Application
8
SELECTED
CONTROL
INPUT
Dx
SELECTED
CONTROL
INPUT
+ 6 V
VEE
– 6 V
VCC
VEE
ENABLE CONTROL
INPUTS
(VCC OR GND)
VEE
VEE


Similar Part No. - MC74HC4316D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4316A ONSEMI-MC74HC4316A Datasheet
152Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
June, 2005 ??Rev. 4
MC74HC4316A ONSEMI-MC74HC4316A Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74HC4316ADR2 ONSEMI-MC74HC4316ADR2 Datasheet
152Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
June, 2005 ??Rev. 4
MC74HC4316ADR2G ONSEMI-MC74HC4316ADR2G Datasheet
152Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
June, 2005 ??Rev. 4
MC74HC4316ADR2G ONSEMI-MC74HC4316ADR2G Datasheet
174Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
May, 2011 ??Rev. 7
More results

Similar Description - MC74HC4316D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC4316 ONSEMI-MC74VHC4316 Datasheet
154Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
March, 2008 - Rev. 2
MC74HC4316A ONSEMI-MC74HC4316A Datasheet
152Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
June, 2005 ??Rev. 4
MC74HC4316A ONSEMI-MC74HC4316A_11 Datasheet
174Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
May, 2011 ??Rev. 7
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com