Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450-24R-2B-2.75 Datasheet(PDF) 9 Page - Littelfuse

Part # 450-24R-2B-2.75
Description  Medium Voltage Fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

450-24R-2B-2.75 Datasheet(HTML) 9 Page - Littelfuse

Back Button 450-24R-2B-2.75 Datasheet HTML 4Page - Littelfuse 450-24R-2B-2.75 Datasheet HTML 5Page - Littelfuse 450-24R-2B-2.75 Datasheet HTML 6Page - Littelfuse 450-24R-2B-2.75 Datasheet HTML 7Page - Littelfuse 450-24R-2B-2.75 Datasheet HTML 8Page - Littelfuse 450-24R-2B-2.75 Datasheet HTML 9Page - Littelfuse 450-24R-2B-2.75 Datasheet HTML 10Page - Littelfuse 450-24R-2B-2.75 Datasheet HTML 11Page - Littelfuse 450-24R-2B-2.75 Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
69
15NLE-10E
15NLE-15E
15NLE-20E
15NLE-25E
15NLE-30E
15NLE-40E
15NLE-50E
15NLE-65E
15NLE-80E
15NLE-100E
15NLE2-80E
15NLE2-100E
15NLE2-125E
15NLE2-150E
15NLE2-175E
15NLE2-200E
15NLE3-150E
15NLE3-175E
15NLE3-250E
15NLE3-300E
LCN 30E
LCN 40E
LCN 50E
LCN 65E
LCN 80ES
LCN 100ES
LCN 80E
LCN 100E
LCN 125X
LCN 150E
LCN 200ED
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
80E
100E
125E
150E
175E
200E
150E
175E
250E
300E
23-7/8"
23-7/8"
23-7/8"
14
14
14
14
14
14
14
14
14
14
15
15
15
15
15
15
16
16
16
16
60,000
60,000
60,000
20"
20"
20"
Catalog
Number
15GSE-65E
15GSE-80E
15GSE-100E
15GSE2-125E
15GSE2-150E
15GSE2-175E
15GSE2-200E
Old
Catalog
Number
Size
65E
80E
100E
125E
150E
175E
200E
Dim. A
(inches)
18"
18"
Dim. B
(inches)
21-7/8"
21-7/8"
Max
Interrupting
Rating
RMS (Asym)
60,000
60,000
Figure
Number
14
14
14
15
15
15
15
E
RATED
Catalog
Number
3E-1C-38.0
7E-1C-38.0
10E-1C-38.0
15E-1C-38.0
20E-1C-38.0
25E-1C-38.0
30E-1C-38.0
40E-1C-38.0
50E-2C-38.0
65E-2C-38.0
80E-2C-38.0
Old
Catalog
Number
Size
3E
7E
10E
15E
20E
25E
30E
40E
50E
65E
80E
Dim. A
(inches)
27"
27"
Dim. B
(inches)
30-5/8"
30-5/8"
Max
Interrupting
Rating
RMS (Asym)
20,000
20,000
Figure
Number
14
14
14
14
14
14
14
14
15
15
15
E
RATED
Catalog
Number
15E-1C-25.8
20E-1C-25.8
25E-1C-25.8
30E-1C-25.8
40E-1C-25.8
50E-1C-25.8
65E-2C-25.8
80E-2C-25.8
100E-2C-25.8
Old
Catalog
Number
Size
15E
20E
25E
30E
40E
50E
65E
80E
100E
Dim. A
(inches)
21"
21"
Dim. B
(inches)
24-5/8"
24-5/8"
Max
Interrupting
Rating
RMS (Asym)
40,000
40,000
Figure
Number
14
14
14
14
14
14
15
15
15
E
RATED
E Rated Medium Voltage Fuses
Current Limiting
Previous
Next


Similar Part No. - 450-24R-2B-2.75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
450-200 ETC2-450-200 Datasheet
37Kb / 1P
   T-1(3mm) T-1 3/4(5mm) MOLDED LED MOUNT
450-2016-GRX ETC2-450-2016-GRX Datasheet
86Kb / 1P
   Knob
450-2023-GRX ETC2-450-2023-GRX Datasheet
83Kb / 1P
   Knob
450-2034-GRX ETC2-450-2034-GRX Datasheet
87Kb / 2P
   Control Knobs
450-2035-GRX ETC2-450-2035-GRX Datasheet
87Kb / 2P
   Control Knobs
More results

Similar Description - 450-24R-2B-2.75

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com