Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

161.525 Datasheet(PDF) 1 Page - Littelfuse

Part # 161.525
Description  OF2-Fuse links for rated voltage up to 32 V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

161.525 Datasheet(HTML) 1 Page - Littelfuse

  161.525_00 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maße in mm / Dimensions in mm / Dimensions en mm
Artikel-Nr.
Article-No.
Réf. d' article
Nennstrom
Ratedcurrent
Intensité nom.
I
N/Irat
Spannungsfall
Voltage drop
Chute de tension
U
D
Schmelzintegral
Joule integral
Intégral de Joule
I²t
Kaltwiderstand
Coldresistance
Res. à froit
R
K
Kennfarbe
Colour-code
Code couleur
Schmelzzeit-Grenzwerte DIN / Pre-arcing time - limits / Temps de fusion limits
Normen / Specifications / Normes
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
WebSite www.littelfuse.com
Achtung: 1.00 bedeutet die Nummer "Eins" mit zwei Dezimalstellen. 1,000 bedeutet die Nummer "Eintausend" / Note: 1.00 means the number "one" with two decimal places. 1,000 means
the number "one thousand" / Attention: 1.00 signifie le numero "un" avec deux decimals. 1,000 signifie le numero "mille"
DIN
72581-3C
ISO
8820-3
161.450_00
161.475_00
161.510_00
161.515_00
161.520_00
161.525_00
161.530_00
161.540_00
160.163_00
5A
7.5
A
10
A
15
A
20
A
25
A
30
A
40
A*
Shunt*
175 mV
150 mV
125 mV
125 mV
125 mV
110 mV
100 mV
-
-
110 mV
114 mV
113 mV
116 mV
118 mV
107 mV
98 mV
86 mV
58 mV
20.0 A²s
45.0 A²s
80.0 A²s
180 A²s
520 A²s
2,200 A²s
7,100 A²s
9,300 A²s
59,750 A²s
Standard
DIN max.
PUDENZ
max.
* in der Normreihe nicht verzeichnet / not mentioned in the standards / pas mentionné dans la norme
Drittletzte Ziffer der Art.-Nr. = Verpackungsindex, siehe Seite 88 / Third figure before last of article-no. = packaging code, see page 88 / Troisieme chiffre avant dernierdu numéro d'article = code
d'emballage, voir page 88
zugehörige Halter siehe Seite 39-45, 49, 78-79, 81 / corresponding holder see page 39-45, 49, 78-79, 81 / porte-fusible correspondant voir page 39-45, 49, 78-79, 81
16.0 m
Ω
10.0 m
Ω
7.40 m
Ω
5.00 m
Ω
3.60 m
Ω
2.60 m
Ω
1.90 m
Ω
1.40 m
Ω
0.63 m
Ω
min.
max.
5 A - 40 A
1.10 I
N / Irat
1.35 I
N / Irat
2.00 I
N / Irat
3.50 I
N / Irat
6.00 I
N / Irat
5 A - 40 A
5 A - 40 A
5 A - 40 A
5 A - 40 A
100 h
750 ms
150 ms
40 ms
20 ms
-
1,800 s
5 s
500 ms
100 ms
OF2
OF2
OF2
OF2
OF2-Sicherungseinsätze für Nennspannungen bis 32 V / OF2
OF2
OF2
OF2
OF2-Fuse links for rated voltage up to 32 V /
OF2
OF2
OF2
OF2
OF2-Fusibles pour tension nom. jusqu'à 32 V
Isolierkörper / Insulating body / Corps Isolants:
aus Thermoplast / out of thermoplastic / de matière thermoplastique
(UL 94-V0, wärmeformbeständig / heat-resistant / résistante à la chaleur)
Anschlüsse / Connections / Connexions:
Flachstecker / Blade contacts / Contacts plats
Zink-Legierung / zinc alloy / alliage de zinc
Shunt: Zn, gal. Sn
Schaltvermögen / Breaking capacity / Pouvoir de coupure:
1,000 A, 32 V, DC
F
I = 1.33 (max. Dauerstrom / max. operating current / max. courant permanent: 0.75 x Irat bei / at / à 23°C)


Similar Part No. - 161.525_00

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
161-10.0M-20-25GP OSCILENT-161-10.0M-20-25GP Datasheet
165Kb / 3P
   Quartz Crystal
161-10.0M-20-25GR OSCILENT-161-10.0M-20-25GR Datasheet
165Kb / 3P
   Quartz Crystal
161-10.0M-20-25GS OSCILENT-161-10.0M-20-25GS Datasheet
165Kb / 3P
   Quartz Crystal
161-10.0M-20-25GT OSCILENT-161-10.0M-20-25GT Datasheet
165Kb / 3P
   Quartz Crystal
161-10.0M-20-25GW OSCILENT-161-10.0M-20-25GW Datasheet
165Kb / 3P
   Quartz Crystal
More results

Similar Description - 161.525_00

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FK1 LITTELFUSE-FK1 Datasheet
1Mb / 10P
   Fuse links for rated voltage up to 32 V
153.5395.610 LITTELFUSE-153.5395.610 Datasheet
114Kb / 1P
   BF2-Fuse links for rated voltage up to 32 V
169.520 LITTELFUSE-169.520 Datasheet
92Kb / 1P
   OFK3-Fuse links for rated voltage up to 32 V
153.5631.530 LITTELFUSE-153.5631.530 Datasheet
75Kb / 1P
   BF1-Fuse links for rated voltage up to 32 V
155.0892.5501 LITTELFUSE-155.0892.5501 Datasheet
74Kb / 1P
   CF8-Fuse links for rated voltage up to 58 V
16670000430 LITTELFUSE-16670000430 Datasheet
47Kb / 1P
   FKS-fuse-links for rated voltage up to 80 V
162.7049.4402 LITTELFUSE-162.7049.4402 Datasheet
181Kb / 1P
   TF-Fuse links for rated voltage up to 90 V
166.6885.5201 LITTELFUSE-166.6885.5201 Datasheet
90Kb / 1P
   FK3-Fuse links for rated voltage up to 80 V
277.6306.0001 LITTELFUSE-277.6306.0001 Datasheet
59Kb / 1P
   FKW-Inlineholder for fuse links up to 32 V
277.6106.0002 LITTELFUSE-277.6106.0002 Datasheet
141Kb / 1P
   FK-Inlineholder for fuse links up to 32 V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com