Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1KSMBJ150A Datasheet(PDF) 1 Page - Littelfuse

Part # 1KSMBJ150A
Description  Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1KSMBJ150A Datasheet(HTML) 1 Page - Littelfuse

  1KSMBJ150A Datasheet HTML 1Page - Littelfuse 1KSMBJ150A Datasheet HTML 2Page - Littelfuse 1KSMBJ150A Datasheet HTML 3Page - Littelfuse 1KSMBJ150A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Avalanche Diodes
270
www .littelfuse .com
1000W Surface Mount Transient Voltage Suppressor
The 1KSMBJ range of surface mount protectors utilizes the
proven glass passivated technology used in many Littelfuse
product portfolios. Rated at 1000 watts (10 x 1000 µs double
exponential waveform), the 1KSMBJ bridges the gap left by
traditional types rated at 600 watts and 1500 watts, suiting
many applications where both power handling and size are
paramount. The extremely fast turn-on time (less than one pico
second), coupled with the low clamping factor and low on-state
impedance, make this range ideal for the protection of today’s
circuits. Our specially selected range of voltages has been
chosen to fulfill optimum protection for use in automotive and
telecom applications.
FEATURES
RoHS Compliant
Available in breakdown voltages from 6.8v. to 160v;
specially designed for automotive applications
Response time: 1x10-12.secs (theoretical)
Glass passivated junction
Offers high-surge rating in compact package: bridges the
gap between 600W and 1.5KW
Forward surge rating:
100A 8.3ms single half sine wave
100% tested
Operating temperature: -55°C to +150°C
Agency Approvals: Recognized under the Components Program
of Underwriters Laboratories.
Agnecy File Numbers: E128662
1KSMBJ Series
®
SMBJ
Voltage
C A
Bi-Directional
5% Voltage Tolerance
Tape and reeled (3000 pcs)
ORDERING INFORMATION
Mechanical Specifications:
Weight:
0.093 grammes (approx)
Case:
DO-214AA Outline moulded plastic over
glass passivated junction. UL 94 V-0 rated
Terminals:
Solderable to MIL-STD-750 Method 2026
Solderable Leads:
23°C for 10 seconds
Marking:
Cathode band, device code logo
Standard Packaging:
Supplied on reels of 3000 pieces. Tape
width 12mm. Follows requirements of
EIA 481-1
RoHS


Similar Part No. - 1KSMBJ150A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1KSMBJ150A SUNMATE-1KSMBJ150A Datasheet
519Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - 1KSMBJ150A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ75CA LITTELFUSE-1KSMBJ75CA Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMB10J TSC-SMB10J Datasheet
186Kb / 5P
   1000W Surface Mount Transient Voltage Suppressor
1KSMB TSC-1KSMB Datasheet
237Kb / 6P
   1000W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
10BJ LEIDITECH-10BJ Datasheet
745Kb / 6P
   1000W Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com