Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA8M16YX6XR4TL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SAA8M16YX6XR4TL
Description  DOUBLE DATA RATE (DDR) SDRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAA8M16YX6XR4TL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SAA8M16YX6XR4TL Datasheet HTML 1Page - List of Unclassifed Manufacturers SAA8M16YX6XR4TL Datasheet HTML 2Page - List of Unclassifed Manufacturers SAA8M16YX6XR4TL Datasheet HTML 3Page - List of Unclassifed Manufacturers SAA8M16YX6XR4TL Datasheet HTML 4Page - List of Unclassifed Manufacturers SAA8M16YX6XR4TL Datasheet HTML 5Page - List of Unclassifed Manufacturers SAA8M16YX6XR4TL Datasheet HTML 6Page - List of Unclassifed Manufacturers SAA8M16YX6XR4TL Datasheet HTML 7Page - List of Unclassifed Manufacturers SAA8M16YX6XR4TL Datasheet HTML 8Page - List of Unclassifed Manufacturers SAA8M16YX6XR4TL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
128Mb: x4, x8, x16
DDR SDRAM
PDF: 09005aef80505d1b / Source: 09005aef80469e44
128Mb: x4, x8, x16 DDR SDRAM
Rev: 11/23/2004
5
www.spectek.com
SpecTek reserves the right to change products or specifications
without notice.
© 2001, 2002, 2004 SpecTek
CAPACITANCE (x4, x8)
(25°C < TA < +70°C; VDDQ = +2.5V ±0.2V, VDD = +2.5V ±0.2V)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Delta Input/Output Capacitance: DQs, DQS, DM
DCIO
--
0.50
pF
24
Delta Input Capacitance: Command and Address
DCI1
--
0.50
pF
29
Delta Input Capacitance: CK, CK#
DCI2
--
0.25
pF
29
Delta Input Capacitance: DQs, DQS, DM
CIO
4.0
5.0
pF
Input Capacitance: Command and Address
CI1
2.0
3.0
pF
Input Capacitance: CK, CK#
CI2
2.0
3.0
pF
Input Capacitance: CKE
CI3
2.0
3.0
pF
IDD SPECIFICATIONS AND CONDITIONS (x4, x8)
(25°C < TA < +70°C; VDDQ = +2.5V ±0.2V, VDD = +2.5V ±0.2V)
PARAMETER/CONDITION
SYMBOL
-75
-8
UNITS
NOTES
OPERATING CURRENT: One bank; Active-Precharge;
tRC = tRC (MIN);
tCK = tCK (MIN); DQ, DM, and DQS inputs changing once per clock
cycle; Address and control inputs changing once every two clock cycles;
IDD0
105
100
mA
22, 48
OPERATING CURRENT: One bank; Active-Read-Precharge; Burst = 2;
tRC = tRC (MIN); tCK = tCK (MIN); IOUT = 0mA; Address and control
inputs changing once per clock cycle
IDD1
120
115
mA
22, 48
PRECHARGE POWER-DOWN STANDBY CURRENT: All banks idle;
Power-down mode;
tCK = tCK(MIN); CKE=LOW;
IDD2P
10
10
mA
23, 32,
50
IDLE STANDBY CURRENNT: CS# = HIGH; All banks idle;
tCK = tCK
(MIN); CKE = HIGH; Address and other control inputs changing once per
clock cycle. VIN = VREF for DQ, DQS, and DM
IDD2N
50
45
mA
51
ACTIVE POWER-DOWN STANDBY CURRENT: One bank active;
Power-down mode;
tCK = tCK (MIN); CKE = LOW
IDD3P
18
18
mA
23, 32,
50
ACTIVE STANDBY CURRENT: CS# = HIGH; CKE = HIGH; One bank;
Active-Precharge;
tRC = tRAS (MAX); tCK = tCK (MIN); DQ, DM, and
DQS inputs changing twice per clock cycle; Address and other control
inputs changing once per clock cycle.
IDD3N
50
45
mA
22
OPERATING CURRENT: Burst = 2; Reads; Continuous burst; One bank
active; Address and control inputs changing once per clock cycle;
tCK =
tCK (MIN); IOUT = 0mA
IDD4R
120
110
mA
22, 48
OPERATING CURRENT: Burst = 2; Writes; Continuous burst; One bank
active; Address and control inputs changing once per clock cycle;
tCK =
tCK (MIN); DQ, DM, and DQS inputs changing twice per clock cycle
IDD4W
120
110
mA
22
AUTO REFRESH CURRENT
tRC = tRFC (MIN)
IDD5
250
225
mA
22, 50
SELF REFRESH CURRENT (Part number ‘R’ only)
IDD72
2
mA
11
OPERATING CURRENT: Four bank interleaving READs (BL = 4) with
auto precharge,
tRC = tRC (MIN); tCK = tRC (MIN); Address and control
inputs change only during Active, READ, or WRITE commands.
IDD8
330
285
mA
22, 49


Similar Part No. - SAA8M16YX6XR4TL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8110G PHILIPS-SAA8110G Datasheet
232Kb / 36P
   Digital Signal Processor DSP for cameras
1997 Jun 13
SAA8112HL PHILIPS-SAA8112HL Datasheet
137Kb / 40P
   Digital camera signal processor and microcontroller
2000 Jan 18
SAA8113HL PHILIPS-SAA8113HL Datasheet
155Kb / 44P
   Digital PC-camera signal processor
1999 Sep 27
SAA8115HL PHILIPS-SAA8115HL Datasheet
177Kb / 56P
   Digital camera USB interface
2000 Jan 27
SAA8116 PHILIPS-SAA8116 Datasheet
237Kb / 60P
   Digital PC-camera signal processor including microcontroller and USB interface
2001 May 04
More results

Similar Description - SAA8M16YX6XR4TL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com