Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100E-1C-5.5 Datasheet(PDF) 4 Page - Littelfuse

Part # 100E-1C-5.5
Description  E Rated Medium Voltage Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

100E-1C-5.5 Datasheet(HTML) 4 Page - Littelfuse

  100E-1C-5.5 Datasheet HTML 1Page - Littelfuse 100E-1C-5.5 Datasheet HTML 2Page - Littelfuse 100E-1C-5.5 Datasheet HTML 3Page - Littelfuse 100E-1C-5.5 Datasheet HTML 4Page - Littelfuse 100E-1C-5.5 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
70
15NLE-10E
15NLE-15E
15NLE-20E
15NLE-25E
15NLE-30E
15NLE-40E
15NLE-50E
15NLE-65E
15NLE-80E
15NLE-100E
15NLE2-80E
15NLE2-100E
15NLE2-125E
15NLE2-150E
15NLE2-175E
15NLE2-200E
15NLE3-150E
15NLE3-175E
15NLE3-250E
15NLE3-300E
LCN 30E
LCN 40E
LCN 50E
LCN 65E
LCN 80ES
LCN 100ES
LCN 80E
LCN 100E
LCN 125X
LCN 150E
LCN 200ED
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
80E
100E
125E
150E
175E
200E
150E
175E
250E
300E
23-7/8"
23-7/8"
23-7/8"
14
14
14
14
14
14
14
14
14
14
15
15
15
15
15
15
16
16
16
16
60,000
60,000
60,000
20"
20"
20"
Catalog
Number
15GSE-65E
15GSE-80E
15GSE-100E
15GSE2-125E
15GSE2-150E
15GSE2-175E
15GSE2-200E
Old
Catalog
Number
Size
65E
80E
100E
125E
150E
175E
200E
Dim. A
(inches)
18"
18"
Dim. B
(inches)
21-7/8"
21-7/8"
Max
Interrupting
Rating
RMS (Asym)
60,000
60,000
Figure
Number
14
14
14
15
15
15
15
E
RATED
Catalog
Number
3E-1C-38.0
7E-1C-38.0
10E-1C-38.0
15E-1C-38.0
20E-1C-38.0
25E-1C-38.0
30E-1C-38.0
40E-1C-38.0
50E-2C-38.0
65E-2C-38.0
80E-2C-38.0
Old
Catalog
Number
Size
3E
7E
10E
15E
20E
25E
30E
40E
50E
65E
80E
Dim. A
(inches)
27"
27"
Dim. B
(inches)
30-5/8"
30-5/8"
Max
Interrupting
Rating
RMS (Asym)
20,000
20,000
Figure
Number
14
14
14
14
14
14
14
14
15
15
15
E
RATED
Catalog
Number
15E-1C-25.8
20E-1C-25.8
25E-1C-25.8
30E-1C-25.8
40E-1C-25.8
50E-1C-25.8
65E-2C-25.8
80E-2C-25.8
100E-2C-25.8
Old
Catalog
Number
Size
15E
20E
25E
30E
40E
50E
65E
80E
100E
Dim. A
(inches)
21"
21"
Dim. B
(inches)
24-5/8"
24-5/8"
Max
Interrupting
Rating
RMS (Asym)
40,000
40,000
Figure
Number
14
14
14
14
14
14
15
15
15
E
RATED
E Rated Medium Voltage Fuses
Current Limiting


Similar Part No. - 100E-1C-5.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
100E-1C-5.5 LITTELFUSE-100E-1C-5.5 Datasheet
346Kb / 12P
   Medium Voltage Fuses
More results

Similar Description - 100E-1C-5.5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JCI-3E COOPER-JCI-3E Datasheet
100Kb / 2P
   E-Rated Medium Voltage Fuses for Potential Small Power Trans.
logo
Littelfuse
3E-4PT-6 LITTELFUSE-3E-4PT-6 Datasheet
348Kb / 1P
   E Rated Potential Transformer Fuses
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com