Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC942 Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC942
Description  High Power Output Type OPIC Photocoupler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC942 Datasheet(HTML) 7 Page - Sharp Corporation

  PC942 Datasheet HTML 1Page - Sharp Corporation PC942 Datasheet HTML 2Page - Sharp Corporation PC942 Datasheet HTML 3Page - Sharp Corporation PC942 Datasheet HTML 4Page - Sharp Corporation PC942 Datasheet HTML 5Page - Sharp Corporation PC942 Datasheet HTML 6Page - Sharp Corporation PC942 Datasheet HTML 7Page - Sharp Corporation PC942 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PC942
s Precautions for Use
1. It is recommended that a by-pass capacitor of more than 0.01
µF is added between VCC and GND near the device in order to
stabilize power supply line.
2. Handle this product the same as with other integrated circuits against static electricity.
3. As for other general cautions, refer to the chapter "Precautions for Use".
Cathode
Anode
+
GND
O2
O1
VCC
+
Load
6V
E
C
B
Power transistor
module
TTL, microcomputer, etc.
+5V
s Application Circuit


Similar Part No. - PC942

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC942J00000F SHARP-PC942J00000F Datasheet
281Kb / 17P
   High Power, Gate Drive type DIP 8 pin ?뾑PIC Photocoupler
More results

Similar Description - PC942

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC901V0NSZX SHARP-PC901V0NSZX Datasheet
71Kb / 6P
   Digital Output Type OPIC Photocoupler
PC900VQ SHARP-PC900VQ Datasheet
61Kb / 4P
   Digital Output Type OPIC Photocoupler
PC901V SHARP-PC901V Datasheet
62Kb / 5P
   Digital Output Type OPIC Photocoupler
PC930 SHARP-PC930 Datasheet
82Kb / 6P
   Digital Output, High Sensitivity Type OPIC Photocoupler
PC935 SHARP-PC935 Datasheet
82Kb / 6P
   Digital Output, High Sensitivity Type OPIC Photocoupler
PC921 SHARP-PC921 Datasheet
192Kb / 6P
   HIGH POWER OPIC PHOTOCOUPLER
PC922 SHARP-PC922 Datasheet
86Kb / 6P
   High Power OPIC Photocoupler
PC920 SHARP-PC920 Datasheet
150Kb / 5P
   Power OPIC Photocoupler
PC915 SHARP-PC915 Datasheet
104Kb / 7P
   Wide Band Linear Output Type OPIC Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
   AC Input Type OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com