Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KP60A Datasheet(PDF) 1 Page - Littelfuse

Part # 15KP60A
Description  Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

15KP60A Datasheet(HTML) 1 Page - Littelfuse

  15KP60A Datasheet HTML 1Page - Littelfuse 15KP60A Datasheet HTML 2Page - Littelfuse 15KP60A Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Avalanche Diodes
302
www .littelfuse .com
15000 Watt Axial Leaded Transient Voltage Suppressor
ORDERING INFORMATION
15KP
C A
Voltage
Bi-Directional
5% Voltage Tolerance
Packaging Option
B = Bulk (500 pcs)
T = Tape and reeled (800 pcs)
®
FEATURES
RoHS Compliant
17.0 to 280 Volts
Uni-directional and Bi-directional
Glass passivated junction
15000W peak pulse power capability on
10/1000µs waveform
Excellent clamping capability
Repetition rate(duty cycle): 0.05%
Low incremental surge resistance
Fast response time: typically less than 1.0ps from
0 Volts to BV, Bidirectional less than 10ns
High temperature soldering guaranteed:
265˚C/10 seconds/.375", (9.5mm) lead length,
51bs.(2.3kg) tension
Agency Approvals: Recognized under the components
program of underwriters laboratories.
Agency File Number: E128662
MAXIMUM RATINGS AND CHARACTERISTICS @25˚C
AMBIENT TEMPERATURE (unless otherwise noted)
RATING
Peak Pulse Power Dissipation on
10/1000µs waveform
(note 1, FIG.1)
Peak pulse current of on 10\1000µs
waveform (note 1, FIG.3)
Steady State Power Dissipation at
TL=75˚C, Lead lengths .375",
(9.5mm)(Note 2)
Peak Forward Surge Current,
1/20 second/25˚C (JEDEC Method)
Operating junction and Storage
Temperature Range
VALUE
Min
15000
SEE TABLE 1
8
400
-55 to +175
UNIT
Watts
Amps
Watts
Amps
°C
SYMBOL
PPPM
IPPM
PM(AV)
I FSM
Tj, TSTG
Mechanical Specifications:
Weight:
0.07 ounce, 2.5 grams
Case:
Molded plastic over glass
passivated junction
Mounting Position:
Any
Polarity:
Color band denotes positive end
(cathode) except Bipolar
Terminal:
Plated Axial leads, solderable per
MIL-STD-750, Method 2026
The 15KP Series is designed specifically to protect sensitive
electronics equipment from voltage transients induced by
lightning and other transient voltage events. These devices are
ideal for the protection of I/O interfaces, Vcc bus and other
vulnerable circuits used in automotive, industrial and consumer
electronic applications.
15KP Series
RoHS


Similar Part No. - 15KP60A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP60A EIC-15KP60A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP60A ETC2-15KP60A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
Microsemi Corporation
15KP60A MICROSEMI-15KP60A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
SUNMATE electronic Co.,...
15KP60A SUNMATE-15KP60A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
Protek Devices
15KP60A PROTEC-15KP60A Datasheet
65Kb / 5P
   POWER TVS COMPONENT
More results

Similar Description - 15KP60A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
SA5.0A LITTELFUSE-SA5.0A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com