Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33256PFS32A-166TQIN Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS7C33256PFS32A-166TQIN
Description  3.3V 256K x 32/36 pipelined burst synchronous SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33256PFS32A-166TQIN Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS7C33256PFS32A-166TQIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33256PFS32A-166TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33256PFS32A-166TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33256PFS32A-166TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33256PFS32A-166TQIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C33256PFS32A-166TQIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C33256PFS32A-166TQIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C33256PFS32A-166TQIN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C33256PFS32A-166TQIN Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AS7C33256PFS32A
AS7C33256PFS36A
®
11/30/04, v.3.1
Alliance Semiconductor
P. 10 of 20
Timing characteristics for 3.3 V I/O operation
Parameter
Symbol
–166
–133
Unit
Notes1
Min
Max
Min
Max
Clock frequency
fMax
–166
–133
MHz
Cycle time
tCYC
6
7.5
ns
Clock access time
tCD
-3.5
-4.0
ns
Output enable low to data valid
tOE
–3.5
–4.0
ns
Clock high to output low Z
tLZC
0–0
ns
2,3,4
Data output invalid from clock high
tOH
1.5
1.5
ns
2
Output enable low to output low Z
tLZOE
0–0
ns
2,3,4
Output enable high to output high Z
tHZOE
3.5
4.0
ns
2,3,4
Clock high to output high Z
tHZC
3.5
4.0
ns
2,3,4
Output enable high to invalid output
tOHOE
0–0
ns
Clock high pulse width
tCH
2.4
2.5
ns
5
Clock low pulse width
tCL
2.3
2.5
ns
5
Address setup to clock high
tAS
1.5
1.5
ns
6
Data setup to clock high
tDS
1.5
1.5
ns
6
Write setup to clock high
tWS
1.5
1.5
ns
6,7
Chip select setup to clock high
tCSS
1.5
1.5
ns
6,8
Address hold from clock high
tAH
0.5
0.5
ns
6
Data hold from clock high
tDH
0.5
0.5
ns
6
Write hold from clock high
tWH
0.5
0.5
ns
6,7
Chip select hold from clock high
tCSH
0.5
0.5
ns
6,8
ADV setup to clock high
tADVS
1.5
1.5
ns
6
ADSP setup to clock high
tADSPS
1.5
1.5
ns
6
ADSC setup to clock high
tADSCS
1.5
1.5
ns
6
ADV hold from clock high
tADVH
0.5
0.5
ns
6
ADSP hold from clock high
tADSPH
0.5
0.5
ns
6
ADSC hold from clock high
tADSCH
0.5
0.5
ns
6
1
See “Notes” on page 17


Similar Part No. - AS7C33256PFS32A-166TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256PFS16A ALSC-AS7C33256PFS16A Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
AS7C33256PFS16A-100TQC ALSC-AS7C33256PFS16A-100TQC Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
AS7C33256PFS16A-100TQI ALSC-AS7C33256PFS16A-100TQI Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
AS7C33256PFS16A-133TQC ALSC-AS7C33256PFS16A-133TQC Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
AS7C33256PFS16A-133TQI ALSC-AS7C33256PFS16A-133TQI Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
More results

Similar Description - AS7C33256PFS32A-166TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256PFD32A ALSC-AS7C33256PFD32A Datasheet
527Kb / 20P
   3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C331MPFD32A ALSC-AS7C331MPFD32A Datasheet
525Kb / 19P
   3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS32A ALSC-AS7C331MPFS32A Datasheet
525Kb / 19P
   3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33256NTD32A ALSC-AS7C33256NTD32A Datasheet
441Kb / 19P
   3.3V 256K x 2/36 Pipelined burst Synchronous SRAM with NTD
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
Alliance Semiconductor ...
AS7C25512PFD32A ALSC-AS7C25512PFD32A Datasheet
523Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFS32A ALSC-AS7C25512PFS32A Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C251MPFD32A ALSC-AS7C251MPFD32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com