Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC32ADT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC32ADT
Description  Quad 2-Input OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC32ADT Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC32ADT Datasheet HTML 1Page - ON Semiconductor MC74HC32ADT Datasheet HTML 2Page - ON Semiconductor MC74HC32ADT Datasheet HTML 3Page - ON Semiconductor MC74HC32ADT Datasheet HTML 4Page - ON Semiconductor MC74HC32ADT Datasheet HTML 5Page - ON Semiconductor MC74HC32ADT Datasheet HTML 6Page - ON Semiconductor MC74HC32ADT Datasheet HTML 7Page - ON Semiconductor MC74HC32ADT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 7
1
Publication Order Number:
MC74HC32A/D
MC74HC32A
Quad 2-Input OR Gate
High–Performance Silicon–Gate CMOS
The MC74HC32A is identical in pinout to the LS32. The device
inputs are compatible with Standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 2 to 6V
Low Input Current: 1µA
High Noise Immunity Characteristic of CMOS Devices
In Compliance With the JEDEC Standard No. 7A Requirements
Chip Complexity: 48 FETs or 12 Equivalent Gates
3
Y1
1
A1
PIN 14 = VCC
PIN 7 = GND
LOGIC DIAGRAM
2
B1
6
Y2
4
A2
5
B2
8
Y3
9
A3
10
B3
11
Y4
12
A4
13
B4
Y = A+B
Pinout: 14–Lead Packages (Top View)
13
14
12
11
10
9
8
2
1
3
4567
VCC
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2
GND
Device
Package
Shipping
ORDERING INFORMATION
MC74HC32AN
PDIP–14
2000 / Box
MC74HC32AD
SOIC–14
http://onsemi.com
55 / Rail
MC74HC32ADR2
SOIC–14
2500 / Reel
MARKING
DIAGRAMS
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
MC74HC32ADT
TSSOP–14
96 / Rail
MC74HC32ADTR2
TSSOP–14
2500 / Reel
TSSOP–14
DT SUFFIX
CASE 948G
HC
32A
ALYW
1
14
1
14
PDIP–14
N SUFFIX
CASE 646
MC74HC32AN
AWLYYWW
SOIC–14
D SUFFIX
CASE 751A
1
14
HC32A
AWLYWW
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
L
H
H
H
Y


Similar Part No. - MC74HC32ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC32ADTR2 ONSEMI-MC74HC32ADTR2 Datasheet
154Kb / 9P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 9
MC74HC32ADTR2G ONSEMI-MC74HC32ADTR2G Datasheet
154Kb / 9P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 9
MC74HC32ADTR2G ONSEMI-MC74HC32ADTR2G Datasheet
106Kb / 7P
   Quad 2-Input OR Gate
August, 2014 ??Rev. 12
More results

Similar Description - MC74HC32ADT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com